전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5936DU 데이터시트(PDF) 1 Page - Vishay Telefunken

부품명 SI5936DU
상세설명  Dual N-Channel 30-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5936DU 데이터시트(HTML) 1 Page - Vishay Telefunken

  SI5936DU Datasheet HTML 1Page - Vishay Telefunken SI5936DU Datasheet HTML 2Page - Vishay Telefunken SI5936DU Datasheet HTML 3Page - Vishay Telefunken SI5936DU Datasheet HTML 4Page - Vishay Telefunken SI5936DU Datasheet HTML 5Page - Vishay Telefunken SI5936DU Datasheet HTML 6Page - Vishay Telefunken SI5936DU Datasheet HTML 7Page - Vishay Telefunken SI5936DU Datasheet HTML 8Page - Vishay Telefunken SI5936DU Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si5936DU
New Product
Document Number: 62804
S12-2729-Rev. A, 12-Nov-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
Dual N-Channel 30-V (D-S) MOSFET
FEATURES
TrenchFET® Power MOSFET
Thermally Enhanced PowerPAK®
ChipFET® Package
- Small Footprint Area
- Low On-Resistance
- Thin 0.8 mm Profile
•100 % Rg Tested
Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
•Network
System Power DC/DC
Notes:
a. Package limited
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK ChipFET is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 105 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
a
Qg (Typ.)
30
0.030 at VGS = 10 V
6
3.5 nC
0.040 at VGS = 4.5 V
6
Ordering Information:
Si5936DU-T1-GE3 (Lead (Pb)-free and Halogen-free)
Bottom View
PowerPAK ChipFET Dual
1.8
mm
3.0
mm
Marking Code
CF
XXX
Lot Traceability
and Date Code
Part # Code
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
6a
A
TC = 70 °C
6a
TA = 25 °C
6a, b, c
TA = 70 °C
5.3b, c
Pulsed Drain Current (t = 300 µs)
IDM
25
Continuous Source-Drain Diode Current
TC = 25 °C
IS
6a
TA = 25 °C
1.9b, c
Maximum Power Dissipation
TC = 25 °C
PD
10.4
W
TC = 70 °C
6.7
TA = 25 °C
2.3b, c
TA = 70 °C
1.5b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
 5 s
RthJA
43
55
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
9.5
12


유사한 부품 번호 - SI5936DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5936DU VISHAY-SI5936DU Datasheet
160Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 12-Nov-12
SI5936DU VISHAY-SI5936DU Datasheet
194Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI5936DU-T1-GE3 VISHAY-SI5936DU-T1-GE3 Datasheet
194Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI5936DU VISHAY-SI5936DU_V01 Datasheet
194Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI5936DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com