전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7716AD 데이터시트(PDF) 3 Page - Vishay Telefunken

부품명 SI7716AD
상세설명  N-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7716AD 데이터시트(HTML) 3 Page - Vishay Telefunken

  SI7716AD Datasheet HTML 1Page - Vishay Telefunken SI7716AD Datasheet HTML 2Page - Vishay Telefunken SI7716AD Datasheet HTML 3Page - Vishay Telefunken SI7716AD Datasheet HTML 4Page - Vishay Telefunken SI7716AD Datasheet HTML 5Page - Vishay Telefunken SI7716AD Datasheet HTML 6Page - Vishay Telefunken SI7716AD Datasheet HTML 7Page - Vishay Telefunken SI7716AD Datasheet HTML 8Page - Vishay Telefunken SI7716AD Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 68704
S-81450-Rev. A, 23-Jun-08
www.vishay.com
3
Vishay Siliconix
Si7716ADN
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
2.5
VDS - Drain-to-Source Voltage (V)
VGS =10thru 5 V
VGS =3 V
VGS =4 V
0.005
0.010
0.015
0.020
0.025
0
10203040
50
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0.0
3.2
6.4
9.6
12.8
16.0
Qg - Total Gate Charge (nC)
VDS =15 V
VDS =10 V
ID =10A
VDS =20 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
01
2
3
45
VGS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC = - 55 °C
Crss
0
220
440
660
880
1100
0
5
10
15
20
25
30
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =4.5 V
VGS =10 V
ID =10A


유사한 부품 번호 - SI7716AD

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7716ADN VISHAY-SI7716ADN Datasheet
115Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 23-Jun-08
logo
SHENZHEN DOINGTER SEMIC...
SI7716ADN DOINGTER-SI7716ADN Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI7716ADN VISHAY-SI7716ADN Datasheet
618Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7716ADN VISHAY-SI7716ADN_V01 Datasheet
618Kb / 13P
   N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7716AD

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com