전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7998DP 데이터시트(PDF) 2 Page - Vishay Telefunken

부품명 SI7998DP
상세설명  Dual N-Channel 30 V (D-S) MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7998DP 데이터시트(HTML) 2 Page - Vishay Telefunken

  SI7998DP Datasheet HTML 1Page - Vishay Telefunken SI7998DP Datasheet HTML 2Page - Vishay Telefunken SI7998DP Datasheet HTML 3Page - Vishay Telefunken SI7998DP Datasheet HTML 4Page - Vishay Telefunken SI7998DP Datasheet HTML 5Page - Vishay Telefunken SI7998DP Datasheet HTML 6Page - Vishay Telefunken SI7998DP Datasheet HTML 7Page - Vishay Telefunken SI7998DP Datasheet HTML 8Page - Vishay Telefunken SI7998DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Si7998DP
www.vishay.com
Vishay Siliconix
S14-1941-Rev. C, 29-Sep-14
2
Document Number: 68970
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
Ch-1
30
-
-
V
Ch-2
30
-
-
VDS Temperature Coefficient
ΔVDS/TJ
ID = 250 μA
Ch-1
-
28
-
mV/°C
Ch-2
-
26
-
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
ID = 250 μA
Ch-1
-
-5.6
-
Ch-2
-
-6
-
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
Ch-1
1.2
-
2.5
V
Ch-2
1.2
-
2.5
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
Ch-1
-
-
100
nA
Ch-2
-
-
100
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
Ch-1
-
-
1
μA
Ch-2
-
-
1
VDS = 30 V, VGS = 0 V, TJ = 85 °C
Ch-1
-
-
10
Ch-2
-
-
10
On-State Drain Current b
ID(on)
VDS
≥ 5 V, VGS = 10 V
Ch-1
30
-
-
A
Ch-2
30
-
-
Drain-Source On-State Resistance b
RDS(on)
VGS = 10 V, ID = 15 A
Ch-1
-
0.0076 0.0093
Ω
VGS = 10 V, ID = 20 A
Ch-2
-
0.0044 0.0053
VGS = 4.5 V, ID = 13 A
Ch-1
-
0.0103 0.0124
VGS = 4.5 V, ID = 18 A
Ch-2
-
0.0058 0.0070
Forward Transconductance b
gfs
VDS = 10 V, ID = 15 A
Ch-1
-
45
-
S
VDS = 10 V, ID = 20 A
Ch-2
-
71
-
Dynamic a
Input Capacitance
Ciss
Channel-1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch-1
-
1100
-
pF
Ch-2
-
2000
-
Output Capacitance
Coss
Ch-1
-
200
-
Ch-2
-
390
-
Reverse Transfer Capacitance
Crss
Ch-1
-
90
-
Ch-2
-
160
-
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 15 A
Ch-1
-
17
26
nC
VDS = 15 V, VGS = 10 V, ID = 20 A
Ch-2
-
32
48
Channel-1
VDS = 15 V, VGS = 4.5 V, ID = 15 A
Channel-2
VDS = 15 V, VGS = 4.5 V, ID = 20 A
Ch-1
-
8.2
13
Ch-2
-
15.3
23
Gate-Source Charge
Qgs
Ch-1
-
3.2
-
Ch-2
-
6.3
-
Gate-Drain Charge
Qgd
Ch-1
-
2.7
-
Ch-2
-
4.7
-
Gate Resistance
Rg
f = 1 MHz
Ch-1
-
3.5
7
W
Ch-2
-
3.5
7


유사한 부품 번호 - SI7998DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7998DP VISHAY-SI7998DP Datasheet
143Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-09
logo
Vishay Telefunken
SI7998DP TFUNK-SI7998DP Datasheet
393Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SI7998DP VISHAY-SI7998DP Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7998DP-T1-GE3 VISHAY-SI7998DP-T1-GE3 Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7998DP VISHAY-SI7998DP_V01 Datasheet
394Kb / 18P
   Dual N-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7998DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com