전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SIZ916DT 데이터시트(PDF) 2 Page - Vishay Telefunken

부품명 SIZ916DT
상세설명  Dual N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIZ916DT 데이터시트(HTML) 2 Page - Vishay Telefunken

  SIZ916DT Datasheet HTML 1Page - Vishay Telefunken SIZ916DT Datasheet HTML 2Page - Vishay Telefunken SIZ916DT Datasheet HTML 3Page - Vishay Telefunken SIZ916DT Datasheet HTML 4Page - Vishay Telefunken SIZ916DT Datasheet HTML 5Page - Vishay Telefunken SIZ916DT Datasheet HTML 6Page - Vishay Telefunken SIZ916DT Datasheet HTML 7Page - Vishay Telefunken SIZ916DT Datasheet HTML 8Page - Vishay Telefunken SIZ916DT Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SiZ916DT
www.vishay.com
Vishay Siliconix
S15-1672-Rev. B, 20-Jul-15
2
Document Number: 62721
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
Ch-1
30
-
-
V
VGS = 0 V, ID = 250 μA
Ch-2
30
-
-
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
Ch-1
-
17
-
mV/°C
ID = 250 μA
Ch-2
-
8.8
-
VGS(th) Temperature Coefficient
V
GS(th)/TJ
ID = 250 μA
Ch-1
-
-5
-
ID = 250 μA
Ch-2
-
-5.9
-
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
Ch-1
1.2
-
2.4
V
VDS = VGS, ID = 250 μA
Ch-2
1
-
2.4
Gate Source Leakage
IGSS
VDS = 0 V, VGS = +20 V, -14 V
Ch-1
-
-
± 100
nA
Ch-2
-
-
± 100
Zero Gate Voltage Drain Current
IDSS
V = 30 V, VDS GS = 0 V
Ch-1
-
-
1
μA
VDS = 30 V, VGS = 0 V
Ch-2
-
-
1
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch-1
-
-
5
VDS = 30 V, VGS = 0 V, TJ = 55 °C
Ch-2
-
-
5
On-State Drain Current a
ID(on)
VDS  5 V, VGS = 10 V
Ch-1
20
-
-
A
VDS  5 V, VGS = 10 V
Ch-2
25
-
-
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V, ID = 19 A
Ch-1
-
0.00530 0.00640
VGS = 10 V, ID = 20 A
Ch-2
-
0.00105 0.00130
VGS = 4.5 V, ID = 15 A
Ch-1
-
0.00800 0.01000
VGS = 4.5 V, ID = 20 A
Ch-2
-
0.00140 0.00175
Forward Transconductance a
gfs
VDS = 10 V, ID = 19 A
Ch-1
-
55
-
S
VDS = 10 V, ID = 20 A
Ch-2
-
116
-
Dynamic b
Input Capacitance
Ciss
Channel-1
VDS = 15 V, VGS = 0 V, f = 1 MHz
Channel-2
VDS = 15 V, VGS = 0 V, f = 1 MHz
Ch-1
-
1208
-
pF
Ch-2
-
8082
-
Output Capacitance
Coss
Ch-1
-
375
-
Ch-2
-
1961
-
Reverse Transfer Capacitance
Crss
Ch-1
-
30
-
Ch-2
-
227
-
Cr/Ci Ratio
Ch-1
-
0.025
0.050
-
Ch-2
-
0.028
0.056
-
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 20 A
Ch-1
-
17
26
nC
VDS = 15 V, VGS = 10 V, ID = 20 A
Ch-2
-
106
160
Channel-1
VDS = 15 V, VGS = 4.5 V, ID = 20 A
Channel-2
VDS = 15 V, VGS = 4.5 V, ID = 20 A
Ch-1
-
7.2
11
Ch-2
-
45
68
Gate-Source Charge
Qgs
Ch-1
-
3.6
-
Ch-2
-
23.2
-
Gate-Drain Charge
Qgd
Ch-1
-
0.94
-
Ch-2
-
5
-
Output Charge
Qoss
VDS = 15 V, VGS = 0 V
Ch-1
-
10
-
Ch-2
-
57.5
-
Gate Resistance
Rg
f = 1 MHz
Ch-1
0.5
2.5
5
Ch-2
0.2
1
2


유사한 부품 번호 - SIZ916DT

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIZ916DT VISHAY-SIZ916DT Datasheet
214Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 27-Aug-12
SIZ916DT VISHAY-SIZ916DT Datasheet
233Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ916DT VISHAY-SIZ916DT_V01 Datasheet
233Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
More results

유사한 설명 - SIZ916DT

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com