전자부품 데이터시트 검색엔진 |
|
ML4658CQ 데이터시트(PDF) 11 Page - Micro Linear Corporation |
|
ML4658CQ 데이터시트(HTML) 11 Page - Micro Linear Corporation |
11 / 17 page ML4658 11 The AUI drivers are capable of driving the full 50 meters of cable length and have a rise and fall time of typically 3ns. The rise and fall times match to within 1ns. In the idle state, the outputs go to the same voltage to prevent DC standing current in the isolation transformers. TRANSMISSION The transmit function consists of detecting the presence of data from the AUI DO input (Tx+, Tx–) and driving that data onto the transmit twisted pair (TxTP+, TxTP–). A positive signal on the Tx+ lead relative to the Tx– lead of the DO circuit will result in a positive signal on the TxTP+ lead of the chip with respect to the TxTP– lead. Before data will be transmitted onto the twisted pair from the AU interface, it must exceed the squelch requirements for the DO pair. The Tx squelch circuit serves the function of preventing any noise from being transmitted onto the twisted pair. This circuit rejects signals with pulse widths less than typically 20ns and voltage levels more positive than –175mV. Once the Tx squelch circuit has unsquelched, it looks for the start of idle signal to turn on the squelch circuit again. The transmitter turns on the squelch again when it receives an input signal at Tx± that is more positive than –175mV for more than approximately 180ns. At the start of a packet transmission, no more than 2 bits are received from the DO circuit and not transmitted onto the twisted pair. The difference between start-up delays (bit loss plus steady-state propagation delay) for any two packets that are separated by 9.6µs or less will not exceed 200ns. The output stage of the transmitter is a current mode switch which develops the output voltage by driving current through the terminating resistor and the output filter. The transmitter employs a center tap 2:1 transformer where the center tap is tied to VCC (5V). While one pin of the transmit pair (TxTP+, TxTP–) is pulled low, the other pin floats. The output pins to the twisted pair wires, TxTP+ and TxTP–, can drive a 100 Ω, 150Ωload, or a variety of impedances that are characteristic of the twisted pair wire. RTSET selects the current into the TxTP+, TxTP– pins. This current along with the characteristic impedance of the cable determines the output voltage. Once the characteristic impedance of the twisted pair is determined, one must select the appropriate RTSET resistor as well as match the terminating impedances of the transmit and receive filter. The RTSET resistor can be selected as follows: RTSET RL =× Ω (/ ) 100 220 where RL is the characteristic impedance of the twisted pair cable. Figure 11. Transmit Pre-Equalization Waveform BINARY TxTP+ TxTP– OUTPUT AFTER TRANSMIT FILTER INPUT INTO RECEIVER 0 1 1 100 1 1 0 SYSTEM DESCRIPTION (Continued) |
유사한 부품 번호 - ML4658CQ |
|
유사한 설명 - ML4658CQ |