전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4840BD 데이터시트(PDF) 4 Page - Vishay Telefunken

부품명 SI4840BD
상세설명  N-Channel 40-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4840BD 데이터시트(HTML) 4 Page - Vishay Telefunken

  SI4840BD Datasheet HTML 1Page - Vishay Telefunken SI4840BD Datasheet HTML 2Page - Vishay Telefunken SI4840BD Datasheet HTML 3Page - Vishay Telefunken SI4840BD Datasheet HTML 4Page - Vishay Telefunken SI4840BD Datasheet HTML 5Page - Vishay Telefunken SI4840BD Datasheet HTML 6Page - Vishay Telefunken SI4840BD Datasheet HTML 7Page - Vishay Telefunken SI4840BD Datasheet HTML 8Page - Vishay Telefunken SI4840BD Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 69795
S09-0532-Rev. C, 06-Apr-09
Vishay Siliconix
Si4840BDY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
VSD - Source-to-Drain Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 25 °C
60
10
1
TJ = 150 °C
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power (Junction-to-Ambient)
VGS - Gate-to-Source Voltage (V)
0.000
0.005
0.010
0.015
0.020
0.025
0.030
02468
10
125 °C
25 °C
ID = 12.4 A
0
30
50
10
20
Time (s)
1
600
10
40
0.1
0.001
100
0.01
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
DC
1s
10 s
Limited byRDS(on)*
1ms
BVDSS
Limited
100 µs
10 ms
100 ms


유사한 부품 번호 - SI4840BD

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4840BDY VISHAY-SI4840BDY Datasheet
240Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. C, 06-Apr-09
SI4840BDY-T1-E3 VISHAY-SI4840BDY-T1-E3 Datasheet
240Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. C, 06-Apr-09
logo
VBsemi Electronics Co.,...
SI4840BDY-T1-E3 VBSEMI-SI4840BDY-T1-E3 Datasheet
1Mb / 9P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4840BDY-T1-E3 VISHAY-SI4840BDY-T1-E3 Datasheet
221Kb / 9P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SI4840BDY-T1-GE3 VISHAY-SI4840BDY-T1-GE3 Datasheet
240Kb / 10P
   N-Channel 40-V (D-S) MOSFET
Rev. C, 06-Apr-09
More results

유사한 설명 - SI4840BD

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com