전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5410DU 데이터시트(PDF) 1 Page - Vishay Telefunken

부품명 SI5410DU
상세설명  N-Channel 40-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5410DU 데이터시트(HTML) 1 Page - Vishay Telefunken

  SI5410DU Datasheet HTML 1Page - Vishay Telefunken SI5410DU Datasheet HTML 2Page - Vishay Telefunken SI5410DU Datasheet HTML 3Page - Vishay Telefunken SI5410DU Datasheet HTML 4Page - Vishay Telefunken SI5410DU Datasheet HTML 5Page - Vishay Telefunken SI5410DU Datasheet HTML 6Page - Vishay Telefunken SI5410DU Datasheet HTML 7Page - Vishay Telefunken SI5410DU Datasheet HTML 8Page - Vishay Telefunken SI5410DU Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si5410DU
New Product
Document Number: 69827
S-81448-Rev. B, 23-Jun-08
www.vishay.com
1
N-Channel 40-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
New Thermally Enhanced PowerPAK®
ChipFET® Package
- Small Footprint Area
- Low On-Resistance
- Thin 0.8 mm Profile
100 % UIS Tested
APPLICATIONS
Load Switch, PA Switch, and Battery
Switch for Portable Applications
DC-DC Synchronous Rectification
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a
Qg (Typ.)
40
0.018 at VGS = 10 V
12
10 nC
0.021 at VGS = 4.5 V
12
Ordering Information: Si5410DU-T1-GE3 (Lead (Pb)-free and Halogen-free)
Marking Code
AJ
XXX
Lot Traceability
and Date Code
Part # Code
Bottom View
PowerPAK ChipFET Single
D
D
D
G
1
2
8
7
6
5
D
D
D
S
3
4
S
N-Channel MOSFET
G
D
S
Notes:
a. Package limited.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK ChipFET is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
e. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under Steady State conditions is 90 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
12a
A
TC = 70 °C
12a
TA = 25 °C
9.8b, c
TA = 70 °C
7.9b, c
Pulsed Drain Current
IDM
30
Continuous Source-Drain Diode Current
TC = 25 °C
IS
12a
TA = 25 °C
2.6b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
19
Single Pulse Avalanche Energy
EAS
18
mJ
Maximum Power Dissipation
TC = 25 °C
PD
31
W
TC = 70 °C
20
TA = 25 °C
3.1b, c
TA = 70 °C
2b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, f
t
≤ 5 s
RthJA
34
40
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
34
RoHS
COMPLIANT


유사한 부품 번호 - SI5410DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5410DU VISHAY-SI5410DU Datasheet
110Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5410DU-T1-GE3 VISHAY-SI5410DU-T1-GE3 Datasheet
110Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 23-Jun-08
More results

유사한 설명 - SI5410DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com