전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4436DY 데이터시트(PDF) 6 Page - Vishay Telefunken

부품명 SI4436DY
상세설명  N-Channel 60-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4436DY 데이터시트(HTML) 6 Page - Vishay Telefunken

Back Button SI4436DY Datasheet HTML 2Page - Vishay Telefunken SI4436DY Datasheet HTML 3Page - Vishay Telefunken SI4436DY Datasheet HTML 4Page - Vishay Telefunken SI4436DY Datasheet HTML 5Page - Vishay Telefunken SI4436DY Datasheet HTML 6Page - Vishay Telefunken SI4436DY Datasheet HTML 7Page - Vishay Telefunken SI4436DY Datasheet HTML 8Page - Vishay Telefunken SI4436DY Datasheet HTML 9Page - Vishay Telefunken SI4436DY Datasheet HTML 10Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 73664
S09-0322-Rev. B, 02-Mar-09
Vishay Siliconix
Si4436DY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?73664.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
0
0
6
0
1
1
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 70 C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


유사한 부품 번호 - SI4436DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4436DY VISHAY-SI4436DY Datasheet
272Kb / 10P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 02-Mar-09
logo
Intersil Corporation
SI4436DY INTERSIL-SI4436DY Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
logo
SHENZHEN DOINGTER SEMIC...
SI4436DY DOINGTER-SI4436DY Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4436DY VISHAY-SI4436DY Datasheet
205Kb / 9P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI4436DY-T1-E3 VISHAY-SI4436DY-T1-E3 Datasheet
272Kb / 10P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results

유사한 설명 - SI4436DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com