전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4946BEY 데이터시트(PDF) 2 Page - Vishay Telefunken

부품명 SI4946BEY
상세설명  Dual N-Channel 60-V (D-S) 175 째C MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4946BEY 데이터시트(HTML) 2 Page - Vishay Telefunken

  SI4946BEY Datasheet HTML 1Page - Vishay Telefunken SI4946BEY Datasheet HTML 2Page - Vishay Telefunken SI4946BEY Datasheet HTML 3Page - Vishay Telefunken SI4946BEY Datasheet HTML 4Page - Vishay Telefunken SI4946BEY Datasheet HTML 5Page - Vishay Telefunken SI4946BEY Datasheet HTML 6Page - Vishay Telefunken SI4946BEY Datasheet HTML 7Page - Vishay Telefunken SI4946BEY Datasheet HTML 8Page - Vishay Telefunken SI4946BEY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 73411
S09-2434-Rev. C, 16-Nov-09
Vishay Siliconix
Si4946BEY
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
53
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.7
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.4
3.0
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 5.3 A
0.033
0.041
Ω
VGS = 4.5 V, ID = 4.7 A
0.041
0.052
Forward Transconductancea
gfs
VDS = 15 V, ID = 5.3 A
24
S
Dynamicb
Input Capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
840
pF
Output Capacitance
Coss
71
Reverse Transfer Capacitance
Crss
44
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 5.3 A
17
25
nC
VDS = 30 V, VGS = 5 V, ID = 5.3 A
9.2
12
Gate-Source Charge
Qgs
3.3
Gate-Drain Charge
Qgd
3.7
Gate Resistance
Rg
f = 1 MHz
3.1
6.5
9.5
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 6.8 Ω
ID ≅ 4.4 A, VGEN = 4.5 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
120
180
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
30
45
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 6.8 Ω
ID ≅ 4.4 A, VGEN = 10 V, Rg = 1 Ω
10
15
Rise Time
tr
12
20
Turn-Off Delay Time
td(off)
25
40
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
3.1
A
Pulse Diode Forward Currenta
ISM
30
Body Diode Voltage
VSD
IS = 2 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 4.4 A, dI/dt = 100 A/µs, TJ = 25 °C
25
50
ns
Body Diode Reverse Recovery Charge
Qrr
25
50
nC
Reverse Recovery Fall Time
ta
18
ns
Reverse Recovery Rise Time
tb
7


유사한 부품 번호 - SI4946BEY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4946BEY VISHAY-SI4946BEY Datasheet
126Kb / 7P
   Dual N-Channel 60-V (D-S) 175 C MOSFET
Rev. A, 23-May-05
SI4946BEY VISHAY-SI4946BEY Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
SI4946BEY VISHAY-SI4946BEY Datasheet
193Kb / 9P
   Dual N-Channel 60-V (D-S) 175 째C MOSFET
01-Jan-2022
logo
TECH PUBLIC Electronics...
SI4946BEY TECHPUBLIC-SI4946BEY Datasheet
3Mb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI4946BEY-T1-E3 VISHAY-SI4946BEY-T1-E3 Datasheet
259Kb / 10P
   Dual N-Channel 60-V (D-S) 175 °C MOSFET
Rev. C, 16-Nov-09
More results

유사한 설명 - SI4946BEY

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
9904SS VBSEMI-9904SS Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962GM VBSEMI-9962GM Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
9962AGM-HF VBSEMI-9962AGM-HF Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
MDS5951URH VBSEMI-MDS5951URH Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
AM4960N-T1-PF VBSEMI-AM4960N-T1-PF Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
VBA3638 VBSEMI-VBA3638 Datasheet
723Kb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
AO4828 VBSEMI-AO4828 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
SI4906DY-T1-E3 VBSEMI-SI4906DY-T1-E3 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
SSG9904 VBSEMI-SSG9904 Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
STS3DNE60L VBSEMI-STS3DNE60L Datasheet
990Kb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com