전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7414DN 데이터시트(PDF) 5 Page - Vishay Telefunken

부품명 SI7414DN
상세설명  N-Channel 60-V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7414DN 데이터시트(HTML) 5 Page - Vishay Telefunken

  SI7414DN Datasheet HTML 1Page - Vishay Telefunken SI7414DN Datasheet HTML 2Page - Vishay Telefunken SI7414DN Datasheet HTML 3Page - Vishay Telefunken SI7414DN Datasheet HTML 4Page - Vishay Telefunken SI7414DN Datasheet HTML 5Page - Vishay Telefunken SI7414DN Datasheet HTML 6Page - Vishay Telefunken SI7414DN Datasheet HTML 7Page - Vishay Telefunken SI7414DN Datasheet HTML 8Page - Vishay Telefunken SI7414DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revison: 26-Jan-15
1
Document Number: 71656
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® 1212, (Single/Dual)
DIM.
MILLIMETERS
INCHES
MIN.
MAX.
MIN.
MAX.
A
0.79
1.12
0.031
0.044
A1
0
0.05
0
0.002
b
0.23
0.41
0.009
0.016
c
0.13
0.33
0.005
0.013
D
3.00
3.61
0.118
0.142
D1
2.95
3.21
0.116
0.126
D2
1.98
2.70
0.078
0.106
D4
0.31 TYP.
0.012 TYP.
E
3.00
3.61
0.118
0.142
E1
2.95
3.21
0.116
0.126
E2
1.47
2.21
0.058
0.087
E3
1.75
1.98
0.069
0.078
E4
0.535 TYP.
0.021 TYP.
e
0.65 BSC
0.026 BSC
K
0.61
0.024
K1
0.35
0.014
H
0.15
0.51
0.006
0.020
L
0.15
0.56
0.006
0.022
L1
0.051
0.204
0.002
0.008
θ
12°
12°
W
0.15
0.36
0.006
0.014
M
0.125 TYP.
0.005 TYP.
ECN: C15-0077-Rev. K, 26-Jan-15
DWG: 5882
3. Dimensions exclusive of mold flash and cutting burrs
1.
Notes:
2
Inch will govern
Dimensions exclusive of mold gate burrs
Backside View of Single Pad
Backside View of Dual Pad
Detail Z
D1
D2
E1
45
1
8
4
3
H
2
1
θ
θ
E2
L
4
3
2
1
A1
Z
K
W
E3
E4
HK
E4
E2
L
E3
L1
2
2
E
H


유사한 부품 번호 - SI7414DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7414DN VISHAY-SI7414DN Datasheet
48Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 08-Oct-01
SI7414DN VISHAY-SI7414DN Datasheet
566Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
SI7414DN VISHAY-SI7414DN Datasheet
533Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
SI7414DN VISHAY-SI7414DN Datasheet
531Kb / 11P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7414DN-T1-E3 VISHAY-SI7414DN-T1-E3 Datasheet
566Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. D, 22-Dec-08
More results

유사한 설명 - SI7414DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com