전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5476DU 데이터시트(PDF) 2 Page - Vishay Telefunken

부품명 SI5476DU
상세설명  N-Channel 60-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5476DU 데이터시트(HTML) 2 Page - Vishay Telefunken

  SI5476DU Datasheet HTML 1Page - Vishay Telefunken SI5476DU Datasheet HTML 2Page - Vishay Telefunken SI5476DU Datasheet HTML 3Page - Vishay Telefunken SI5476DU Datasheet HTML 4Page - Vishay Telefunken SI5476DU Datasheet HTML 5Page - Vishay Telefunken SI5476DU Datasheet HTML 6Page - Vishay Telefunken SI5476DU Datasheet HTML 7Page - Vishay Telefunken SI5476DU Datasheet HTML 8Page - Vishay Telefunken SI5476DU Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
2
Document Number: 73663
S-81448-Rev. B, 23-Jun-08
Vishay Siliconix
Si5476DU
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 1 mA
60
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
55
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.3
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
13
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 60 V, VGS = 0 V
1
µA
VDS = 60 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
25
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 4.6 A
0.028
0.034
Ω
VGS = 4.5 V, ID = 4.2 A
0.033
0.041
Forward Transconductancea
gfs
VDS = 15 V, ID = 4.6 A
20
S
Dynamicb
Input Capacitance
Ciss
VDS = 30 V, VGS = 0 V, f = 1 MHz
1100
pF
Output Capacitance
Coss
90
Reverse Transfer Capacitance
Crss
55
Total Gate Charge
Qg
VDS = 30 V, VGS = 10 V, ID = 4.6 A
21
32
nC
VDS = 30 V, VGS = 4.5 V, ID = 4.6 A
10.5
16
Gate-Source Charge
Qgs
3.5
Gate-Drain Charge
Qgd
4.2
Gate Resistance
Rg
f = 1 MHz
3.3
Ω
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 5.4 Ω
ID ≅ 5.6 A, VGEN = 4.5 V, Rg = 1 Ω
20
30
ns
Rise Time
tr
150
225
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
60
90
Turn-On Delay Time
td(on)
VDD = 30 V, RL = 5.4 Ω
ID ≅ 5.6 A, VGEN = 10 V, Rg = 1 Ω
10
15
Rise Time
tr
15
25
Turn-Off Delay Time
td(off)
22
40
Fall Time
tf
10
15
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
12
A
Pulse Diode Forward Current
ISM
25
Body Diode Voltage
VSD
IS = 5.5 A, VGS = 0 V
0.85
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 5.5 A, dI/dt = 100 A/µs, TJ = 25 °C
25
50
ns
Body Diode Reverse Recovery Charge
Qrr
25
50
nC
Reverse Recovery Fall Time
ta
19
ns
Reverse Recovery Rise Time
tb
6


유사한 부품 번호 - SI5476DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5476DU VISHAY-SI5476DU Datasheet
112Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 20-Feb-06
SI5476DU VISHAY-SI5476DU Datasheet
180Kb / 9P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5476DU-T1-GE3 VISHAY-SI5476DU-T1-GE3 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5476DU-T1-GE3 VISHAY-SI5476DU-T1-GE3 Datasheet
187Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI5476DU VISHAY-SI5476DU_08 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
More results

유사한 설명 - SI5476DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com