전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5476DU 데이터시트(PDF) 3 Page - Vishay Telefunken

부품명 SI5476DU
상세설명  N-Channel 60-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI5476DU 데이터시트(HTML) 3 Page - Vishay Telefunken

  SI5476DU Datasheet HTML 1Page - Vishay Telefunken SI5476DU Datasheet HTML 2Page - Vishay Telefunken SI5476DU Datasheet HTML 3Page - Vishay Telefunken SI5476DU Datasheet HTML 4Page - Vishay Telefunken SI5476DU Datasheet HTML 5Page - Vishay Telefunken SI5476DU Datasheet HTML 6Page - Vishay Telefunken SI5476DU Datasheet HTML 7Page - Vishay Telefunken SI5476DU Datasheet HTML 8Page - Vishay Telefunken SI5476DU Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 73663
S-81448-Rev. B, 23-Jun-08
www.vishay.com
3
Vishay Siliconix
Si5476DU
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
25
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
VGS = 10 thru 4 V
VDS - Drain-to-Source Voltage (V)
VGS = 3 V
0
5
10
15
20
25
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0.024
0.028
0.032
0.036
0.040
0
2
4
6
8
10
0
5
10
15
20
25
Qg - Total Gate Charge (nC)
VDS = 30 V
VDS = 48 V
ID = 4.6 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TC = 25 °C
TC = 125 °C
TC = - 55 °C
VGS - Gate-to-Source Voltage (V)
Coss
Crss
0
300
600
900
1200
1500
0
102030405060
Ciss
VDS - Drain-to-Source Voltage (V)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 4.6 A
TJ - Junction Temperature (°C)


유사한 부품 번호 - SI5476DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI5476DU VISHAY-SI5476DU Datasheet
112Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 20-Feb-06
SI5476DU VISHAY-SI5476DU Datasheet
180Kb / 9P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5476DU-T1-GE3 VISHAY-SI5476DU-T1-GE3 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
SI5476DU-T1-GE3 VISHAY-SI5476DU-T1-GE3 Datasheet
187Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SI5476DU VISHAY-SI5476DU_08 Datasheet
144Kb / 7P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 23-Jun-08
More results

유사한 설명 - SI5476DU

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com