전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7308DN 데이터시트(PDF) 4 Page - Vishay Telefunken

부품명 SI7308DN
상세설명  N-Channel 60-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7308DN 데이터시트(HTML) 4 Page - Vishay Telefunken

  SI7308DN Datasheet HTML 1Page - Vishay Telefunken SI7308DN Datasheet HTML 2Page - Vishay Telefunken SI7308DN Datasheet HTML 3Page - Vishay Telefunken SI7308DN Datasheet HTML 4Page - Vishay Telefunken SI7308DN Datasheet HTML 5Page - Vishay Telefunken SI7308DN Datasheet HTML 6Page - Vishay Telefunken SI7308DN Datasheet HTML 7Page - Vishay Telefunken SI7308DN Datasheet HTML 8Page - Vishay Telefunken SI7308DN Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
4
Document Number: 73419
S-83051-Rev. B, 29-Dec-08
Vishay Siliconix
Si7308DN
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.4
1
10
20
0.0
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
2
345
6789
10
ID = 5.4 A
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
0
30
50
10
20
Time (s)
40
1
1000
0.1
0.001
10
100
0.01
Safe Operating Area
100
1
0.1
1
10
100
0.001
10
TA = 25 °C
Single Pulse
0.1
RDS(on)*
Limited by
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
0.01
1 ms
10 ms
100 ms
100 µs
DC
1 s
10 s


유사한 부품 번호 - SI7308DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7308DN VISHAY-SI7308DN Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI7308DN VISHAY-SI7308DN Datasheet
538Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7308DN-T1-E3 VISHAY-SI7308DN-T1-E3 Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI7308DN-T1-GE3 VISHAY-SI7308DN-T1-GE3 Datasheet
541Kb / 13P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 29-Dec-08
SI7308DN VISHAY-SI7308DN_V01 Datasheet
538Kb / 13P
   N-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7308DN

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com