전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7850DP 데이터시트(PDF) 1 Page - Vishay Telefunken

부품명 SI7850DP
상세설명  N-Channel 60-V (D-S) Fast Switching MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7850DP 데이터시트(HTML) 1 Page - Vishay Telefunken

  SI7850DP Datasheet HTML 1Page - Vishay Telefunken SI7850DP Datasheet HTML 2Page - Vishay Telefunken SI7850DP Datasheet HTML 3Page - Vishay Telefunken SI7850DP Datasheet HTML 4Page - Vishay Telefunken SI7850DP Datasheet HTML 5Page - Vishay Telefunken SI7850DP Datasheet HTML 6Page - Vishay Telefunken SI7850DP Datasheet HTML 7Page - Vishay Telefunken SI7850DP Datasheet HTML 8Page - Vishay Telefunken SI7850DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Siliconix
Si7850DP
Document Number: 71625
S09-0227-Rev. E, 09-Feb-09
www.vishay.com
1
N-Channel 60-V (D-S) Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
60
0.022 at VGS = 10 V
10.3
0.031 at VGS = 4.5 V
8.7
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
Ordering Information: Si7850DP-T1-E3 (Lead (Pb)-free)
Si7850DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. Guaranteed by design, not subject to production testing.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
10.3
6.2
A
TA = 85 °C
7.5
4.5
Continuous Source Current
IS
3.7
1.5
Pulsed Drain Current
IDM
40
Avalanche Currentb
IAS
15
Single Avalanche Energyb
EAS
11
mJ
Maximum Power Dissipationa
TA = 25 °C
PD
4.5
1.8
W
TA = 85 °C
2.3
0.9
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
22
28
°C/W
Steady State
58
70
Maximum Junction-to-Case (Drain)
Steady State
RthJC
2.6
3.3
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFETs
New Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
PWM Optimized for Fast Switching
100 % Rg Tested
APPLICATIONS
Primary Side Switch for 24 V DC/DC Applications
Secondary Synchronous Rectifier


유사한 부품 번호 - SI7850DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 28-May-01
SI7850DP VISHAY-SI7850DP Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7850DP-T1-E3 VISHAY-SI7850DP-T1-E3 Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
logo
VBsemi Electronics Co.,...
SI7850DP-T1-E3 VBSEMI-SI7850DP-T1-E3 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7850DP-T1-E3 VISHAY-SI7850DP-T1-E3 Datasheet
366Kb / 12P
   N-Channel 60 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

유사한 설명 - SI7850DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7460DP VISHAY-SI7460DP_09 Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_15 Datasheet
313Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 28-May-01
SI7460DP VISHAY-SI7460DP Datasheet
64Kb / 5P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 03-Mar-03
SI7850DP VISHAY-SI7850DP_09 Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7452DP VISHAY-SI7452DP Datasheet
230Kb / 3P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. B, 13-Feb-06
SI7460DP VISHAY-SI7460DP_V01 Datasheet
333Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7460DP VISHAY-SI7460DP_15 Datasheet
328Kb / 13P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_V01 Datasheet
366Kb / 12P
   N-Channel 60 V (D-S) Fast Switching MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7460DP TFUNK-SI7460DP Datasheet
332Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com