전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7850DP 데이터시트(PDF) 4 Page - Vishay Telefunken

부품명 SI7850DP
상세설명  N-Channel 60-V (D-S) Fast Switching MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI7850DP 데이터시트(HTML) 4 Page - Vishay Telefunken

  SI7850DP Datasheet HTML 1Page - Vishay Telefunken SI7850DP Datasheet HTML 2Page - Vishay Telefunken SI7850DP Datasheet HTML 3Page - Vishay Telefunken SI7850DP Datasheet HTML 4Page - Vishay Telefunken SI7850DP Datasheet HTML 5Page - Vishay Telefunken SI7850DP Datasheet HTML 6Page - Vishay Telefunken SI7850DP Datasheet HTML 7Page - Vishay Telefunken SI7850DP Datasheet HTML 8Page - Vishay Telefunken SI7850DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number: 71625
S09-0227-Rev. E, 09-Feb-09
Vishay Siliconix
Si7850DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?71625.
Threshold Voltage
- 1.0
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 μA
TJ - Temperature (°C)
Single Pulse Power
0.01
0
1
100
40
60
10
600
0.1
Time (s)
20
80
100
Normalized Thermal Transient Impedance, Junction-to-Ambient
10- 3
10- 2
1
10
600
10- 1
10- 4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 58 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Case
10- 3
10- 2
1
10- 1
10- 4
2
1
0.1
0.01
0.2
0.1
0.05
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
0.02


유사한 부품 번호 - SI7850DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 28-May-01
SI7850DP VISHAY-SI7850DP Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7850DP-T1-E3 VISHAY-SI7850DP-T1-E3 Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
logo
VBsemi Electronics Co.,...
SI7850DP-T1-E3 VBSEMI-SI7850DP-T1-E3 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7850DP-T1-E3 VISHAY-SI7850DP-T1-E3 Datasheet
366Kb / 12P
   N-Channel 60 V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

유사한 설명 - SI7850DP

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7460DP VISHAY-SI7460DP_09 Datasheet
500Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_15 Datasheet
313Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7850DP VISHAY-SI7850DP Datasheet
45Kb / 4P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 28-May-01
SI7460DP VISHAY-SI7460DP Datasheet
64Kb / 5P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. A, 03-Mar-03
SI7850DP VISHAY-SI7850DP_09 Datasheet
485Kb / 11P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. E, 09-Feb-09
SI7452DP VISHAY-SI7452DP Datasheet
230Kb / 3P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. B, 13-Feb-06
SI7460DP VISHAY-SI7460DP_V01 Datasheet
333Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7460DP VISHAY-SI7460DP_15 Datasheet
328Kb / 13P
   N-Channel 60-V (D-S) Fast Switching MOSFET
Rev. D, 09-Feb-09
SI7850DP VISHAY-SI7850DP_V01 Datasheet
366Kb / 12P
   N-Channel 60 V (D-S) Fast Switching MOSFET
01-Jan-2022
logo
Vishay Telefunken
SI7460DP TFUNK-SI7460DP Datasheet
332Kb / 12P
   N-Channel 60-V (D-S) Fast Switching MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com