전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ14203 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ14203
상세설명  SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203 데이터시트(HTML) 2 Page - Texas Instruments

  LMZ14203 Datasheet HTML 1Page - Texas Instruments LMZ14203 Datasheet HTML 2Page - Texas Instruments LMZ14203 Datasheet HTML 3Page - Texas Instruments LMZ14203 Datasheet HTML 4Page - Texas Instruments LMZ14203 Datasheet HTML 5Page - Texas Instruments LMZ14203 Datasheet HTML 6Page - Texas Instruments LMZ14203 Datasheet HTML 7Page - Texas Instruments LMZ14203 Datasheet HTML 8Page - Texas Instruments LMZ14203 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LMZ14203
SNVS632R – DECEMBER 2009 – REVISED OCTOBER 2015
www.ti.com
Table of Contents
8.1
Application Information............................................ 12
1
Features .................................................................. 1
8.2
Typical Application .................................................. 12
2
Applications ........................................................... 1
9
Power Supply Recommendations ...................... 19
3
Description ............................................................. 1
10
Layout................................................................... 19
4
Revision History..................................................... 2
10.1
Layout Guidelines ................................................. 19
5
Pin Configuration and Functions ......................... 3
10.2
Layout Example .................................................... 20
6
Specifications......................................................... 3
10.3
Power Dissipation and Board Thermal
6.1
Absolute Maximum Ratings ...................................... 3
Requirements........................................................... 21
6.2
ESD Ratings.............................................................. 4
10.4
Power Module SMT Guidelines ............................ 21
6.3
Recommended Operating Conditions ....................... 4
11
Device and Documentation Support ................. 23
6.4
Thermal Information .................................................. 4
11.1
Device Support...................................................... 23
6.5
Electrical Characteristics........................................... 4
11.2
Documentation Support ........................................ 23
6.6
Typical Characteristics ............................................. 6
11.3
Community Resources.......................................... 23
7
Detailed Description ............................................ 10
11.4
Trademarks ........................................................... 23
7.1
Overview ................................................................. 10
11.5
Electrostatic Discharge Caution ............................ 23
7.2
Functional Block Diagram ....................................... 10
11.6
Glossary ................................................................ 23
7.3
Feature Description................................................. 10
12
Mechanical, Packaging, and Orderable
7.4
Device Functional Modes........................................ 11
Information ........................................................... 23
8
Application and Implementation ........................ 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision Q (August 2015) to Revision R
Page
Added this new bullet to the Power Module SMT Guidelines .............................................................................................. 21
Changes from Revision P (May 2015) to Revision Q
Page
Changed the title of the document ......................................................................................................................................... 1
Changes from Revision O (October 2013) to Revision P
Page
Added ESD Rating table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section ..................................... 1
Removed Easy-to-Use Pin Package image .......................................................................................................................... 1
Changes from Revision N (March 2013) to Revision O
Page
Changed 12 mils................................................................................................................................................................... 19
Changed 12 mils................................................................................................................................................................... 21
Added Power Module SMT Guidelines................................................................................................................................. 21
2
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14203


유사한 부품 번호 - LMZ14203

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 6P
   Inverting Application for the SIMPLE SWITCHER짰 Power Module
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
   Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
More results

유사한 설명 - LMZ14203

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com