전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ30606 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LMZ30606
상세설명  6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ30606 데이터시트(HTML) 1 Page - Texas Instruments

  LMZ30606_15 Datasheet HTML 1Page - Texas Instruments LMZ30606_15 Datasheet HTML 2Page - Texas Instruments LMZ30606_15 Datasheet HTML 3Page - Texas Instruments LMZ30606_15 Datasheet HTML 4Page - Texas Instruments LMZ30606_15 Datasheet HTML 5Page - Texas Instruments LMZ30606_15 Datasheet HTML 6Page - Texas Instruments LMZ30606_15 Datasheet HTML 7Page - Texas Instruments LMZ30606_15 Datasheet HTML 8Page - Texas Instruments LMZ30606_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Output Current (A)
VIN = 5.0 V,VOUT = 3.3 V,fSW = 1 MHz
VIN = 3.3 V,VOUT = 1.8 V,fSW = 1 MHz
G000
VOUT
VIN
LMZ30606
SENSE+
VADJ
AGND
PGND
VOUT
VIN
PWRGD
RT/CLK
INH/UVLO
SS/TR
STSEL
CIN
RSET
COUT
LMZ30606
www.ti.com
SNVS995 – JULY 2013
6A SIMPLE SWITCHER® Power Module with 2.95V-6V Input in QFN Package
Check for Samples: LMZ30606
1
FEATURES
DESCRIPTION
2
Complete Integrated Power Solution Allows
The LMZ30606 SIMPLE SWITCHER® power module
Small Footprint, Low-Profile Design
is an easy-to-use integrated power solution that
9mm x 11mm x 2.8mm package
combines
a
6-A
DC/DC
converter
with
power
- Pin Compatible with LMZ30602 & LMZ30604
MOSFETs, a shielded inductor, and passives into a
Efficiencies Up To 96%
low profile, QFN package. This total power solution
requires as few as 3 external components and
Wide-Output Voltage Adjust
eliminates the loop compensation and magnetics part
0.8 V to 3.6 V, with ±1% Reference Accuracy
selection process.
Adjustable Switching Frequency
The 9×11×2.8 mm QFN package is easy to solder
(500 kHz to 2 MHz)
onto a printed circuit board and allows a compact
Synchronizes to an External Clock
point-of-load design with greater than 90% efficiency
Adjustable Slow-Start
and excellent power dissipation with a thermal
impedance of 12°C/W junction to ambient. The
Output Voltage Sequencing / Tracking
device delivers the full 6-A rated output current at
Power Good Output
85°C ambient temperature without airflow.
Programmable Undervoltage Lockout (UVLO)
The LMZ30606 offers the flexibility and the feature-
Output Overcurrent Protection
set of a discrete point-of-load design and is ideal for
Over Temperature Protection
powering performance DSPs and FPGAs. Advanced
packaging technology afford a robust and reliable
Operating Temperature Range: –40°C to 85°C
power
solution
compatible
with
standard
QFN
Enhanced Thermal Performance: 12°C/W
mounting and testing techniques.
Meets EN55022 Class B Emissions
- Integrated Shielded Inductor
SIMPLIFIED APPLICATION
APPLICATIONS
Broadband and Communications
Infrastructure
Automated Test and Medical Equipment
Compact PCI / PCI Express / PXI Express
DSP and FPGA Point of Load Applications
High Density Distributed Power Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LMZ30606_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ30606EVM-003 TI-LMZ30606EVM-003 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGT TI1-LMZ30606RKGT Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606RKGT TI1-LMZ30606RKGT Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

유사한 설명 - LMZ30606_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com