전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ14202H 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LMZ14202H
상세설명  LMZ14202H SIMPLE SWITCHER짰 6V to 42V, 2A High Output Voltage Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ14202H 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LMZ14202H_15 Datasheet HTML 4Page - Texas Instruments LMZ14202H_15 Datasheet HTML 5Page - Texas Instruments LMZ14202H_15 Datasheet HTML 6Page - Texas Instruments LMZ14202H_15 Datasheet HTML 7Page - Texas Instruments LMZ14202H_15 Datasheet HTML 8Page - Texas Instruments LMZ14202H_15 Datasheet HTML 9Page - Texas Instruments LMZ14202H_15 Datasheet HTML 10Page - Texas Instruments LMZ14202H_15 Datasheet HTML 11Page - Texas Instruments LMZ14202H_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
0.0
0.5
1.0
1.5
2.0
70
75
80
85
90
95
100
OUTPUT CURRENT (A)
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
0.0
0.5
1.0
1.5
2.0
70
75
80
85
90
95
100
OUTPUT CURRENT (A)
VIN = 15V
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VIN = 15V
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
0.0
0.5
1.0
1.5
2.0
70
75
80
85
90
95
100
OUTPUT CURRENT (A)
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 42V
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT (A)
VIN = 8V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 42V
LMZ14202H
SNVS691H – JANUARY 2011 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; CIN = 10-uF X7R Ceramic; CO = 47 uF; TA = 25°C.
Figure 13. Efficiency VOUT = 5 V TA = 85°C
Figure 14. Power Dissipation VOUT = 5 V TA = 85°C
Figure 15. Efficiency VOUT = 12 V TA = 85°C
Figure 16. Power Dissipation VOUT = 12 V T = 85°C
Figure 17. Efficiency VOUT = 15 V TA = 85°C
Figure 18. Power Dissipation VOUT = 15 V TA = 85°C
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LMZ14202H


유사한 부품 번호 - LMZ14202H_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14202HTZ NSC-LMZ14202HTZ Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ14202HTZ/NOPB TI-LMZ14202HTZ/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
logo
National Semiconductor ...
LMZ14202HTZE NSC-LMZ14202HTZE Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ14202HTZE/NOPB TI-LMZ14202HTZE/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
logo
National Semiconductor ...
LMZ14202HTZX NSC-LMZ14202HTZX Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
More results

유사한 설명 - LMZ14202H_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ14202H TI-LMZ14202H Datasheet
1Mb / 28P
[Old version datasheet]   LMZ14202H 2A, SIMPLE SWITCHER짰 Power Module for High Output Voltage
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ14203H TI-LMZ14203H_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
logo
National Semiconductor ...
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com