전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ14203H 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LMZ14203H
상세설명  SIMPLE SWITCHER 6V to 42V, 3A High Output Voltage Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LMZ14203H 데이터시트(HTML) 3 Page - Texas Instruments

  LMZ14203H_15 Datasheet HTML 1Page - Texas Instruments LMZ14203H_15 Datasheet HTML 2Page - Texas Instruments LMZ14203H_15 Datasheet HTML 3Page - Texas Instruments LMZ14203H_15 Datasheet HTML 4Page - Texas Instruments LMZ14203H_15 Datasheet HTML 5Page - Texas Instruments LMZ14203H_15 Datasheet HTML 6Page - Texas Instruments LMZ14203H_15 Datasheet HTML 7Page - Texas Instruments LMZ14203H_15 Datasheet HTML 8Page - Texas Instruments LMZ14203H_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Exposed Pad
Connect to GND
5
SS
6
FB
3
EN
1
VIN
2
RON
4
GND
7
VOUT
LMZ14203H
www.ti.com
SNVS692G – JANUARY 2011 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
NDW Package
7-Pin TO-PMOD
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VIN
Power
Supply input — Additional external input capacitance is required between this pin and the exposed pad (EP).
ON-time resistor — An external resistor from VIN to this pin sets the ON-time and frequency of the
2
RON
Analog
application. Typical values range from 100k to 700k ohms.
3
EN
Analog
Enable — Input to the precision enable comparator. Rising threshold is 1.18 V.
4
GND
Ground
Ground — Reference point for all stated voltages. Must be externally connected to EP.
5
SS
Analog
Soft-Start — An internal 8-µA current source charges an external capacitor to produce the soft-start function.
Feedback — Internally connected to the regulation, overvoltage, and short-circuit comparators. The
6
FB
Analog
regulation reference point is 0.8 V at this input pin. Connect the feedback resistor divider between the output
and ground to set the output voltage.
Output Voltage — Output from the internal inductor. Connect the output capacitor between this pin and the
7
VOUT
Power
EP.
Exposed Pad — Internally connected to pin 4. Used to dissipate heat from the package during operation.
EP
Ground
Must be electrically connected to pin 4 external to the package.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2) (3)
MIN
MAX
UNIT
VIN, RON to GND
–0.3
43.5
V
EN, FB, SS to GND
–0.3
7
V
Junction Temperature
150
°C
Peak Reflow Case Temperature (30 s)
245
°C
Storage Temperature
–65
150
°C
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(2)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(3)
For soldering specifications, see the application note Absolute Maximum Ratings for Soldering (SNOA549)
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMZ14203H


유사한 부품 번호 - LMZ14203H_15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LMZ14203H_1106 NSC-LMZ14203H_1106 Datasheet
632Kb / 20P
   3A SIMPLE SWITCHER짰 Power Module for High Output Voltage
More results

유사한 설명 - LMZ14203H_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ20501 TI-LMZ20501_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14203H SIMPLE SWITCHER짰 6V to 42V, 3A High Output Voltage Power Module
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
LMZ14201H TI1-LMZ14201H Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
LMZ14202H TI-LMZ14202H_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMZ14202H SIMPLE SWITCHER짰 6V to 42V, 2A High Output Voltage Power Module
LMZ14201 TI1-LMZ14201_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
LMZ14202 TI-LMZ14202_15 Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 2A Power Module in Leaded SMT-TO Package
LMZ14201 TI-LMZ14201_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 1A Power Module in Leaded SMT-TO Package
logo
National Semiconductor ...
LMZ14203HTZ NSC-LMZ14203HTZ Datasheet
632Kb / 20P
   3A SIMPLE SWITCHER Power Module for High Output
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LM22670TJE-5 TI1-LM22670TJE-5 Datasheet
1Mb / 29P
[Old version datasheet]   LM22670/LM22670Q 42V, 3A SIMPLE SWITCHER, Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com