전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSBLA800KJ58-B0 데이터시트(PDF) 2 Page - Murata Manufacturing Co., Ltd.

부품명 CSBLA800KJ58-B0
상세설명  miniature and lightweight
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSBLA800KJ58-B0 데이터시트(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  CSBLA800KJ58-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSBLA800KJ58-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSBLA800KJ58-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
CSBLA800KJ58-B0
Specifications
Shape
Lead
Frequency
800.0kHz
Frequency Tolerance
±0.5%
Operating Temperature Range
-
20
to
80
Frequency Shift by Temperature
±0.3%
Frequency Aging
±0.3%
Wash
avairable
Resonant Impedance
60Ω
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2015/11/19


유사한 부품 번호 - CSBLA800KJ58-B0

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
CSBLA800KJ58-B0 MURATA1-CSBLA800KJ58-B0 Datasheet
282Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
CSBLA800KJ58-B0 MURATA1-CSBLA800KJ58-B0_V01 Datasheet
282Kb / 2P
   Crystal Units/MEMS Resonators
02/28/2024
More results

유사한 설명 - CSBLA800KJ58-B0

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
CSBLA480KEC8-B0 MURATA-CSBLA480KEC8-B0 Datasheet
182Kb / 3P
   miniature and lightweight
CSBLA500KEC8-B0 MURATA-CSBLA500KEC8-B0 Datasheet
182Kb / 3P
   miniature and lightweight
CSBLA640KECB-B0 MURATA-CSBLA640KECB-B0 Datasheet
179Kb / 3P
   miniature and lightweight
CSBLA910KJ58-B0 MURATA-CSBLA910KJ58-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA1M04J58-B0 MURATA-CSBLA1M04J58-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA1M22J58-B0 MURATA-CSBLA1M22J58-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA640KEC8-B0 MURATA-CSBLA640KEC8-B0 Datasheet
179Kb / 3P
   miniature and lightweight
CSBLA800KJ59-B0 MURATA-CSBLA800KJ59-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA1M00J58-B0 MURATA-CSBLA1M00J58-B0 Datasheet
181Kb / 3P
   miniature and lightweight
CSBLA455KEC8-B0 MURATA-CSBLA455KEC8-B0 Datasheet
180Kb / 3P
   miniature and lightweight
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com