전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5210-1 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 CS5210-1
상세설명  10 A LDO 3?뭁in Adjustable Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5210-1 데이터시트(HTML) 1 Page - ON Semiconductor

  CS5210-1 Datasheet HTML 1Page - ON Semiconductor CS5210-1 Datasheet HTML 2Page - ON Semiconductor CS5210-1 Datasheet HTML 3Page - ON Semiconductor CS5210-1 Datasheet HTML 4Page - ON Semiconductor CS5210-1 Datasheet HTML 5Page - ON Semiconductor CS5210-1 Datasheet HTML 6Page - ON Semiconductor CS5210-1 Datasheet HTML 7Page - ON Semiconductor CS5210-1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2006
July, 2006 − Rev. 7
1
Publication Order Number:
CS5210−1/D
CS5210−1
10 A LDO 3−Pin Adjustable
Linear Regulator
The CS5210−1 linear regulator provides 10 A at adjustable voltages
from 1.25 V to 4.5 V. This adjustable device requires two external
resistors to set the output voltage and provide the minimum load
current for proper regulation.
This regulator is intended for use as a post regulator and
microprocessor supply. The fast loop response and low dropout
voltage make this regulator ideal for applications where low voltage
operation and good transient response are important.
The circuit is designed to operate with dropout voltages as low as
1.05 V at 10 A.
The regulator is protected against overload conditions with
overcurrent and thermal shutdown protection circuitry.
The regulator is available in a TO−220 package.
Features
1.25 V to 4.5 V VOUT at 10 A
Dropout Voltage < 1.05 V @ 10 A
2.0% Trimmed Reference
Fast Transient Response
Thermal Shutdown
Current Limit
Short Circuit Protection
Figure 1. Applications Diagram
CS5210−1
VIN
VOUT
Adj
100 μF
5.0 V
0.1 μF
Load
124
200
300 μF
3.3 V @ 10 A
Device
Package
Shipping
ORDERING INFORMATION
CS5210−1GT3
TO−220*
50 Units/Rail
*TO−220 is 3−pin, straight leaded.
TO−220
THREE LEAD
T SUFFIX
CASE 221A
PIN CONNECTIONS AND
MARKING DIAGRAMS
CS5210−1
AWLYWW
1
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
Tab = VOUT
Pin
1. Ad-
just
2. VOUT
3. VIN
12
3
http://onsemi.com


유사한 부품 번호 - CS5210-1

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5210-1GT3 CHERRY-CS5210-1GT3 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
More results

유사한 설명 - CS5210-1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
CS5207A-1 CHERRY-CS5207A-1 Datasheet
136Kb / 7P
   7A LDO 3-Pin Adjustable Linear Regulator
logo
Texas Instruments
LP38853 TI1-LP38853_15 Datasheet
1Mb / 30P
[Old version datasheet]   3-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com