전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS52510-1 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 CS52510-1
상세설명  10 A LDO 5?뭁in Adjustable Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS52510-1 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button CS52510-1 Datasheet HTML 2Page - ON Semiconductor CS52510-1 Datasheet HTML 3Page - ON Semiconductor CS52510-1 Datasheet HTML 4Page - ON Semiconductor CS52510-1 Datasheet HTML 5Page - ON Semiconductor CS52510-1 Datasheet HTML 6Page - ON Semiconductor CS52510-1 Datasheet HTML 7Page - ON Semiconductor CS52510-1 Datasheet HTML 8Page - ON Semiconductor CS52510-1 Datasheet HTML 9Page - ON Semiconductor CS52510-1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CS52510−1
http://onsemi.com
9
PD(max) + (VIN(max) * VOUT(min))IOUT(max)
) VIN(max)
IIN(max)
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air. Each material in the heat flow path
between the IC and the outside environment has a thermal
resistance which is measured in degrees per watt. Like series
electrical resistances, these thermal resistances are summed
to determine the total thermal resistance between the die
junction and the surrounding air, RΘJA. This total thermal
resistance is comprised of three components. These resistive
terms are measured from junction to case (RΘJC), case to
heat sink RΘCS), and heat sink to ambient air (RΘSA). The
equation is:
RQJA + RQJC ) RQCS ) RQSA
The value for RΘJC is 1.4°C/watt for the CS52510−1 in a
TO−220 package. For a high current regulator such as the
CS52510−1 the majority of heat is generated in the power
transistor section. The value for RΘSA depends on the heat
sink type, while the RΘCS depends on factors such as
package type, heat sink interface (is an insulator and thermal
grease used?), and the contact area between the heat sink and
the package. Once these calculations are complete, the
maximum permissible value of RΘJA can be calculated and
the proper heat sink selected. For further discussion on heat
sink selection, see our application note “Thermal
Management,” document number AND8036/D, available
through the Literature Distribution Center or via our website
at http://www.onsemi.com.


유사한 부품 번호 - CS52510-1

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS52510-1GT5 CHERRY-CS52510-1GT5 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
More results

유사한 설명 - CS52510-1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS5210-1 ONSEMI-CS5210-1 Datasheet
220Kb / 8P
   10 A LDO 3?뭁in Adjustable Linear Regulator
July, 2006 ??Rev. 7
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5207A-1 ONSEMI-CS5207A-1 Datasheet
221Kb / 8P
   7.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5208-1 ONSEMI-CS5208-1 Datasheet
221Kb / 8P
   8.0 A LDO 3?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com