전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75857E 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LC75857E
상세설명  Duty LCD Driver with Key Input Function
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75857E 데이터시트(HTML) 4 Page - ON Semiconductor

  LC75857E Datasheet HTML 1Page - ON Semiconductor LC75857E Datasheet HTML 2Page - ON Semiconductor LC75857E Datasheet HTML 3Page - ON Semiconductor LC75857E Datasheet HTML 4Page - ON Semiconductor LC75857E Datasheet HTML 5Page - ON Semiconductor LC75857E Datasheet HTML 6Page - ON Semiconductor LC75857E Datasheet HTML 7Page - ON Semiconductor LC75857E Datasheet HTML 8Page - ON Semiconductor LC75857E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Figure 1
1. Serial data I/O timing when CL is stopped at the low level
Figure 3
No. 7980-4/39
LC75857E, LC75857W
VLCD
VLCD2
VLCD1
tdh
50%
VIH1
VIH1
VIL1
VIL1
VIH1
VIL1
tdr
tdc
tch
tcs
tcp
tds
tr
CL
t ø L
t ø H
tf
DO
DI
D1
D0
CE
2. Serial data I/O timing when CL is stopped at the high level
50%
VIH1
VIL1
tdh
VIH1
VIL1
VIH1
VIL1
tdr
tdc
tch
tcs
tcp
tds
tf
CL
t ø H
t ø L
tr
DO
DI
D1
D0
CE
To the common segment driver
Excluding these registors.
Figure 2
Figure 4
3. OSC pin clock timing in external clock mode
VIH3
VIL3
OSC
tCKL
tCKH
fCK =
1
tCKH + tCKL
[kHz]
DCK =
tCKH
tCKH + tCKL ×
100[%]
50%


유사한 부품 번호 - LC75857E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75857E SANYO-LC75857E Datasheet
428Kb / 39P
   CMOS IC 1/3, 1/4 Duty LCD Display Drivers with Key Input Function
logo
ON Semiconductor
LC75857E-E ONSEMI-LC75857E-E Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
LC75857ES-E ONSEMI-LC75857ES-E Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
More results

유사한 설명 - LC75857E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC75857W ONSEMI-LC75857W Datasheet
738Kb / 42P
   Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
ENA1425 ONSEMI-ENA1425 Datasheet
424Kb / 35P
   Duty LCD Display Driver with Key Input Function
July, 2013
LC75863W ONSEMI-LC75863W Datasheet
170Kb / 25P
   Duty LCD Display Driver with Key Input Function
October, 2013
LC75852E ONSEMI-LC75852E Datasheet
669Kb / 19P
   1/2-Duty LCD Driver with Key Input Function
July 2017 - Rev. 1
logo
Princeton Technology Co...
PT6552 PTC-PT6552 Datasheet
898Kb / 22P
   쩍 Duty LCD Driver with On-Chip Key Input Function
logo
Sanyo Semicon Device
LC75893M SANYO-LC75893M Datasheet
389Kb / 23P
   1/3 Duty LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6547 PTC-PT6547 Datasheet
468Kb / 35P
   LCD Driver IC with Key Input Function
logo
Sanyo Semicon Device
LC75808W SANYO-LC75808W Datasheet
232Kb / 38P
   LCD Display Driver with Key Input Function
logo
Princeton Technology Co...
PT6553 PTC-PT6553_10 Datasheet
667Kb / 41P
   LCD Driver IC with Key Input Function
PT6583 PTC-PT6583 Datasheet
125Kb / 6P
   LCD Driver IC with Key Input Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com