전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4590DY 데이터시트(PDF) 9 Page - Vishay Telefunken

부품명 SI4590DY
상세설명  N- and P-Channel 100 V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TFUNK [Vishay Telefunken]
홈페이지  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4590DY 데이터시트(HTML) 9 Page - Vishay Telefunken

Back Button SI4590DY Datasheet HTML 5Page - Vishay Telefunken SI4590DY Datasheet HTML 6Page - Vishay Telefunken SI4590DY Datasheet HTML 7Page - Vishay Telefunken SI4590DY Datasheet HTML 8Page - Vishay Telefunken SI4590DY Datasheet HTML 9Page - Vishay Telefunken SI4590DY Datasheet HTML 10Page - Vishay Telefunken SI4590DY Datasheet HTML 11Page - Vishay Telefunken SI4590DY Datasheet HTML 12Page - Vishay Telefunken SI4590DY Datasheet HTML 13Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Si4590DY
www.vishay.com
Vishay Siliconix
S14-0146-Rev. A, 27-Jan-14
9
Document Number: 62937
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, (unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
T
J - Temperature (°C)
I
D = 250 μA
0
0.1
0.2
0.3
0.4
0.5
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 2 A
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
Time (s)
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
10 s
I
D(on) Limited
I
DM Limited
100 ms
Limited by R
DS(on)*
1 ms
T
A = 25 °C
BVDSS Limited
10 ms
100 μs
1 s
DC


유사한 부품 번호 - SI4590DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4590DY VISHAY-SI4590DY Datasheet
287Kb / 14P
   N-and P-Channel 100 V (D-S) MOSFET
Rev. A, 27-Jan-14
SI4590DY VISHAY-SI4590DY_V01 Datasheet
286Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4590DY

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
VBA5102M VBSEMI-VBA5102M Datasheet
1,000Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SIS902DN VISHAY-SIS902DN_V01 Datasheet
649Kb / 8P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
SIS590DN VISHAY-SIS590DN Datasheet
303Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5101M VBSEMI-VBA5101M Datasheet
640Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
logo
Vishay Siliconix
SI4590DY VISHAY-SI4590DY_V01 Datasheet
286Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
VBA5104N VBSEMI-VBA5104N Datasheet
648Kb / 14P
   N- and P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI4590DY VISHAY-SI4590DY Datasheet
287Kb / 14P
   N-and P-Channel 100 V (D-S) MOSFET
Rev. A, 27-Jan-14
logo
VBsemi Electronics Co.,...
VBA5251K VBSEMI-VBA5251K Datasheet
672Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
VBA5102M VBSEMI-VBA5102M_V01 Datasheet
1,020Kb / 14P
   N- and P-Channel 100 V (D-S) MOSFET
logo
Analog Power
AM7510C ANALOGPOWER-AM7510C Datasheet
506Kb / 7P
   N & P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com