전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC75839PW 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LC75839PW
상세설명  Duty General-Purpose LCD Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75839PW 데이터시트(HTML) 2 Page - ON Semiconductor

  LC75839PW Datasheet HTML 1Page - ON Semiconductor LC75839PW Datasheet HTML 2Page - ON Semiconductor LC75839PW Datasheet HTML 3Page - ON Semiconductor LC75839PW Datasheet HTML 4Page - ON Semiconductor LC75839PW Datasheet HTML 5Page - ON Semiconductor LC75839PW Datasheet HTML 6Page - ON Semiconductor LC75839PW Datasheet HTML 7Page - ON Semiconductor LC75839PW Datasheet HTML 8Page - ON Semiconductor LC75839PW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LC75839PW
No.A1953-2/27
Specifications
Absolute Maximum Ratings at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
-0.3 to +6.5
V
VIN1
CE, CL, DI, INH
-0.3 to +6.5
Input voltage
VIN2
OSCI, VDD1, VDD2
-0.3 to VDD+0.3
V
Output voltage
VOUT
S1 to S53, COM1 to COM4, P1 to P4
-0.3 to VDD+0.3
V
IOUT1
S1 to S52
300
μA
IOUT2
COM1 to COM4, S53
3
Output current
IOUT3
P1 to P4
5
mA
Allowable power dissipation
Pd max
Ta=85
°C
200
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -40 to +85
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
4.5
6.0
V
VDD1
VDD1
2/3VDD
VDD
Input voltage
VDD2
VDD2
1/3VDD
VDD
V
VIH1
CE, CL, DI, INH
0.4VDD
6.0
Input high-level voltage
VIH2
OSCI: External clock operating mode
0.4VDD
VDD
V
VIL1
CE, CL, DI, INH
0
0.2VDD
Input low-level voltage
VIL2
OSCI: External clock operating mode
0
0.2VDD
V
External clock operating frequency
fCK
OSCI: External clock operating mode [Figure 4]
10
300
600
kHz
External clock duty cycle
DCK
OSCI: External clock operating mode [Figure 4]
30
50
70
%
Data setup time
tds
CL, DI
[Figure 2][Figure 3]
160
ns
Data hold time
tdh
CL, DI
[Figure 2][Figure 3]
160
ns
CE wait time
tcp
CE, CL
[Figure 2][Figure 3]
160
ns
CE setup time
tcs
CE, CL
[Figure 2][Figure 3]
160
ns
CE hold time
tch
CE, CL
[Figure 2][Figure 3]
160
ns
High-level clock pulse width
t
φH
CL
[Figure 2][Figure 3]
160
ns
Low-level clock pulse width
t
φL
CL
[Figure 2][Figure 3]
160
ns
Rise time
tr
CE, CL, DI
[Figure 2][Figure 3]
160
ns
Fall time
tf
CE, CL, DI
[Figure 2][Figure 3]
160
ns
INH switching time
tc
INH, CE
[Figure 5][Figure 6]
10
μs
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


유사한 부품 번호 - LC75839PW

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC75839PW SANYO-LC75839PW Datasheet
229Kb / 27P
   1/4 and 1/3-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75839PW ONSEMI-LC75839PW Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PW-H ONSEMI-LC75839PW-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWH-H ONSEMI-LC75839PWH-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75839PWS-H ONSEMI-LC75839PWS-H Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
More results

유사한 설명 - LC75839PW

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com