전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC16244 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 74ALVC16244
상세설명  Low?뭋oltage 16?묪it Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ALVC16244 데이터시트(HTML) 1 Page - ON Semiconductor

  74ALVC16244 Datasheet HTML 1Page - ON Semiconductor 74ALVC16244 Datasheet HTML 2Page - ON Semiconductor 74ALVC16244 Datasheet HTML 3Page - ON Semiconductor 74ALVC16244 Datasheet HTML 4Page - ON Semiconductor 74ALVC16244 Datasheet HTML 5Page - ON Semiconductor 74ALVC16244 Datasheet HTML 6Page - ON Semiconductor 74ALVC16244 Datasheet HTML 7Page - ON Semiconductor 74ALVC16244 Datasheet HTML 8Page - ON Semiconductor 74ALVC16244 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
June, 2006 − Rev. 1
1
Publication Order Number:
74ALVC16244/D
74ALVC16244
Low−Voltage 1.8/2.5/3.3 V
16−Bit Buffer
With 3.6 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The 74ALVC16244 is an advanced performance, non−inverting
16−bit buffer. It is designed for very high−speed, very low−power
operation in 1.8 V, 2.5 V or 3.3 V systems.
The 74ALVC16244 is nibble controlled with each nibble
functioning identically, but independently. The control pins may be
tied together to obtain full 16−bit operation. The 3−state outputs are
controlled by an Output Enable (OEn) input for each nibble. When
OEn is LOW, the outputs are on. When OEn is HIGH, the outputs are
in the high impedance state.
Designed for Low Voltage Operation: VCC = 1.65−3.6 V
3.6 V Tolerant Inputs and Outputs
High Speed Operation: 3.0 ns max for 3.0 to 3.6 V
3.7 ns max for 2.3 to 2.7 V
6.0 ns max for 1.65 to 1.95 V
Static Drive: ±24 mA Drive at 3.0 V
±12 mA Drive at 2.3 V
±4 mA Drive at 1.65 V
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
Near Zero Static Supply Current in All Three Logic States (40 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds ±250 mA @ 125°C
ESD Performance: Human Body Model >2000 V;
Machine Model >200 V
Second Source to Industry Standard 74ALVC16244
†To ensure the outputs activate in the 3−state condition, the output enable pins
should be connected to VCC through a pull−up resistor. The value of the resistor is
determined by the current sinking capability of the output connected to the OE pin.
MARKING DIAGRAM
A
= Assembly
Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
TSSOP−48
DT SUFFIX
CASE 1201
1
48
74ALVC16244DT
AWLYYWW
1
48
Device
Package
Shipping
ORDERING INFORMATION
74ALVC16244DTR
TSSOP
2500/Tape & Reel
http://onsemi.com


유사한 부품 번호 - 74ALVC16244

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVC16244 FAIRCHILD-74ALVC16244 Datasheet
117Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
logo
Nexperia B.V. All right...
74ALVC16244 NEXPERIA-74ALVC16244 Datasheet
227Kb / 13P
   2.5 V / 3.3 V 16-bit buffer/line driver; 3-state
Rev. 6 - 22 July 2021
logo
Texas Instruments
74ALVC16244ADGGRE4 TI-74ALVC16244ADGGRE4 Datasheet
369Kb / 14P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
74ALVC16244ADLRG4 TI-74ALVC16244ADLRG4 Datasheet
369Kb / 14P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

유사한 설명 - 74ALVC16244

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
74ALVC16240 ONSEMI-74ALVC16240 Datasheet
217Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 1
74ALVCH16240 ONSEMI-74ALVCH16240 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 3
74VCX16244 ONSEMI-74VCX16244_06 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8V/2.5V/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com