전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4625 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LA4625
상세설명  2-channel 13.5W BTL Audio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4625 데이터시트(HTML) 5 Page - ON Semiconductor

  LA4625 Datasheet HTML 1Page - ON Semiconductor LA4625 Datasheet HTML 2Page - ON Semiconductor LA4625 Datasheet HTML 3Page - ON Semiconductor LA4625 Datasheet HTML 4Page - ON Semiconductor LA4625 Datasheet HTML 5Page - ON Semiconductor LA4625 Datasheet HTML 6Page - ON Semiconductor LA4625 Datasheet HTML 7Page - ON Semiconductor LA4625 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LA4625
No.6631-5/8
4. Protection circuits
• Due to the system structure of the protection circuit for shorts to VCC or ground, if there is a DC resistance
between the amplifier output pins and ground, the protection circuit may operate when power is first applied and
the amplifier may fail to turn on. The basic design approach we recommend is not to adopt any designs in which
there is a DC resistance between the amplifier outputs and ground.
• The LA4625 includes a built-in thermal protection circuit to prevent the IC from being damaged or destroyed if
abnormally high temperatures occur. This thermal protection circuit gradually reduces the output if the IC
junction temperature (Tj) reaches the range 170 to 180
°C due to inadequate heat sinking or other problem. If the
temperature falls, the amplifier will restart automatically.
• The LA4625 also includes other protection circuits. Use of these circuits also requires care during end product
design and testing.
5. Other notes
• The LA4625 is a BTL power amplifier. When testing this device, the ground systems for the test equipment
connected to IC inputs, and that for the test equipment connected to IC outputs, must be isolated. Do not use a
common ground.
Printed Circuit Pattern
(copper foil side)


유사한 부품 번호 - LA4625

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
More results

유사한 설명 - LA4625

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625_08 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
LA4625 SANYO-LA4625_10 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LA4725 SANYO-LA4725_09 Datasheet
129Kb / 8P
   2-channel 30W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4725 ONSEMI-LA4725 Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
EN5715A ONSEMI-EN5715A Datasheet
156Kb / 8P
   2-channel 30W BTL Audio Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
   For General Audio 20W 2-Channel BTL Power Amplifier
logo
ON Semiconductor
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
logo
NXP Semiconductors
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
   2 W BTL audio amplifier
1997 Jun 12
logo
Toshiba Semiconductor
TA8201AK TOSHIBA-TA8201AK Datasheet
413Kb / 8P
   BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com