전자부품 데이터시트 검색엔진 |
|
FP12-200 데이터시트(PDF) 1 Page - TRIAD MAGNETICS |
|
FP12-200 데이터시트(HTML) 1 Page - TRIAD MAGNETICS |
|
1 / 1 page Power Transformer PC Mount: Flat Pack ™ Web: www.TriadMagnetics.com Phone 951-277-0757 Fax 951-277-2757 460 Harley Knox Blvd. Perris, California 92571 Publish Date: December 4, 2013 1 2 4 37 8 6 5 5 6 8 7 34 2 1 .060 DIA HOLES B E E E F A C D FP12-200 Electrical Specifications (@25C) 1. Maximum Power: 2.5 VA 2. Primary Voltage: Series: 230V@50/60 Hz Parallel: 115V@50/60Hz 3. Secondary: Series: 12.6VCT @ 0.20 Amps Parallel: 6.3V @ 0.4 Amps Description: The FP12-200 is part of a series which has a long history of reliable service in the field, made from a proven design and constructed with UL recognized materials. Construction: Wound on two dual channel nylon bobbin. Materials are UL recognized, Class B (130º C) rated. Safety: These products are 100% hipot tested with an insulation of 2000V between primary and secondary windings and 1500V between the primary / secondary windings and the core. Agency File: UL: File E53148, UL 506, Class B General Purpose Transformer, cUL: File E53148, UL 506, Class B General Purpose Transformer, Canadian Use Dimensions: A B C D E F 1.875 1.562 0.650 0.267 0.375 1.600 Units: In inches Weight: 5.0 oz Pin Dimension: .020 x .041 in Schematic: RoHS Compliance: As of manufacturing date February 2005, all standard products meet the requirements of 2011/65/EU, known as the RoHS initiative. * Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’ website for the most current version. |
유사한 설명 - FP12-200_13 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |