전자부품 데이터시트 검색엔진 |
|
MSASC75H45F 데이터시트(PDF) 2 Page - Microsemi Corporation |
|
MSASC75H45F 데이터시트(HTML) 2 Page - Microsemi Corporation |
2 / 2 page DESCRIPTION SYMBOL CONDITIONS MIN TYP. MAX UNIT Reverse (Leakage) IR25 VR= 45 Vdc, Tc= 25 °C 0.75 7.5 mA IR125-1 VR= 12 Vdc, Tc= 125 °C 65 - mA Current IR125-2 VR= 36 Vdc, Tc= 125 °C 125 - mA IR125 VR= 45 Vdc, Tc= 125 °C 175 300 mA Forward Voltage VF1 IF= 2 A, Tc= 25 °C 290 - mV pulse test, VF2 IF= 10 A, Tc= 25 °C 350 400 mV pw= 300 µs VF3 IF= 25 A, Tc= 25 °C 415 480 mV d/c ≤2% VF4 IF= 50 A, Tc= 25 °C 500 - mV VF5 IF= 75 A, Tc= 25 °C 575 650 mV VF6 IF= 100 A, Tc= 25 °C 650 - mV VF7 IF= 2 A, Tc= -55 °C 390 - mV VF8 IF= 10 A, Tc= -55 °C 440 500 MV VF9 IF= 25 A, Tc= -55 °C 480 550 MV VF10 IF= 50 A, Tc= -55 °C 535 - MV VF11 IF= 75 A, Tc= -55 °C 580 660 mV VF12 IF= 2 A, Tc= 125 °C 165 - MV VF13 IF= 10 A, Tc= 125 °C 250 310 MV VF14 IF= 25 A, Tc= 125 °C 350 420 MV VF15 IF= 50 A, Tc= 125 °C 475 - MV VF16 IF= 75 A, Tc= 125 °C 565 650 mV VFa IF= 100 mA, Tc= 25 °C 200 - mV VFb IF= 100 mA, Tc= 125 °C 60 - mV VFc IF= 100 mA, Tc= -55 °C 325 - mV Junction Capacitance Cj1 VR= 10 Vdc 1850 - pF Cj2 VR= 5 Vdc 2500 3000 pF Breakdown Voltage BVR IR= 5 mA, Tc= 25 °C 58 V IR= 5 mA, Tc= -55 °C 45 50 V Electrical Parameters 1N6818 (MSASC75H45F) 1N6818R (MSASC75H45FR) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 1 10 100 1000 IF(A) -55C +25C +125C |
유사한 부품 번호 - MSASC75H45F |
|
유사한 설명 - MSASC75H45F |