전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF2301B 데이터시트(PDF) 3 Page - GOOD-ARK Electronics

부품명 SSF2301B
상세설명  20V P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2301B 데이터시트(HTML) 3 Page - GOOD-ARK Electronics

  SSF2301B_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2301B_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2301B_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2301B_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.goodark.com
Page 3 of 4
Rev.1.0
SSF2301B
20V P-Channel MOSFET
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
Square Wave Pluse Duration(sec)
Figure 3: Normalized Maximum Transient Thermal Impedance
V
IN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
V
IN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
t
d(on)
90%
90%
t
r
t
on
90%
10%
t
off
t
d(off)
t
f
90%
Figure 2:Switching Waveforms
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Vgs
Figure1: Switching Test Circuit


유사한 부품 번호 - SSF2301B_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF2301B SILIKRON-SSF2301B Datasheet
289Kb / 5P
   PWM applications
logo
GOOD-ARK Electronics
SSF2301B GOOD-ARK-SSF2301B Datasheet
327Kb / 4P
   20V P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSF2301B VBSEMI-SSF2301B Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - SSF2301B_15

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AON1611 AOSMD-AON1611 Datasheet
226Kb / 5P
   20V P-Channel MOSFET
AOC2415 AOSMD-AOC2415 Datasheet
248Kb / 5P
   20V P-Channel MOSFET
AO7417 AOSMD-AO7417_13 Datasheet
1Mb / 4P
   20V P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2301A GOOD-ARK-SSF2301A Datasheet
333Kb / 4P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3413 AOSMD-AO3413_10 Datasheet
462Kb / 5P
   20V P-Channel MOSFET
AO7413 AOSMD-AO7413_11 Datasheet
219Kb / 5P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2305 TSC-TSM2305 Datasheet
384Kb / 6P
   20V P-Channel MOSFET
TSM3441 TSC-TSM3441_08 Datasheet
125Kb / 6P
   20V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON7407 AOSMD-AON7407 Datasheet
248Kb / 6P
   20V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434 TSC-TSM9434 Datasheet
359Kb / 6P
   20V P-Channel MOSFET
TSM2313 TSC-TSM2313 Datasheet
360Kb / 6P
   20V P-Channel MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com