전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF2160G4 데이터시트(PDF) 8 Page - GOOD-ARK Electronics

부품명 SSF2160G4
상세설명  20V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2160G4 데이터시트(HTML) 8 Page - GOOD-ARK Electronics

  SSF2160G4_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2160G4_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2160G4_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2160G4_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2160G4_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2160G4_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF2160G4_15 Datasheet HTML 7Page - GOOD-ARK Electronics SSF2160G4_15 Datasheet HTML 8Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SSF2160G4
20V N-Channel MOSFET
www.godark.com
Page 8 of 8
Rev.1.0
Ordering and Marking Information
Device Marking: S25
Package (Available)
SOT23-3
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit
Package
Type
Units/
Tube
Tubes/
Inner Box
Units/
Inner Box
Inner Boxes/
Carton Box
Units/
Carton Box
SOT23-3
3000pcs
10pcs
30000pcs
4pcs
120000pcs
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ or 150℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=125℃ or 150℃ @
100% of Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices


유사한 부품 번호 - SSF2160G4_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF2160G4 SILIKRON-SSF2160G4 Datasheet
628Kb / 9P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF2160G4 GOOD-ARK-SSF2160G4 Datasheet
958Kb / 8P
   20V N-Channel MOSFET
More results

유사한 설명 - SSF2160G4_15

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AON2408 AOSMD-AON2408 Datasheet
241Kb / 5P
   20V N-Channel MOSFET
AOL1404 AOSMD-AOL1404 Datasheet
236Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2318E GOOD-ARK-SSF2318E Datasheet
323Kb / 4P
   20V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO7414 AOSMD-AO7414_13 Datasheet
1Mb / 4P
   20V N-Channel MOSFET
AON3816 AOSMD-AON3816_10 Datasheet
374Kb / 5P
   20V N-Channel MOSFET
AON7436 AOSMD-AON7436 Datasheet
391Kb / 6P
   20V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF22A5E GOOD-ARK-SSF22A5E_15 Datasheet
941Kb / 5P
   20V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com