전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA4631VC 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 LA4631VC
상세설명  2-Channel SE AF Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LA4631VC 데이터시트(HTML) 5 Page - ON Semiconductor

  LA4631VC Datasheet HTML 1Page - ON Semiconductor LA4631VC Datasheet HTML 2Page - ON Semiconductor LA4631VC Datasheet HTML 3Page - ON Semiconductor LA4631VC Datasheet HTML 4Page - ON Semiconductor LA4631VC Datasheet HTML 5Page - ON Semiconductor LA4631VC Datasheet HTML 6Page - ON Semiconductor LA4631VC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LA4631VC
No.A2051-5/7
10
20
40
110
0
2
4
6
12
12
0
18
68
10
24
22
4
Pd - PO (VCC=12V)
0
1
2
3
6
0
1
2
3
4
2
4
6
8
10
14
16
20
22
0
30
50
60
70
80
90
100
14
16
18
12
20
8
10
Pd - PO (VCC=9V)
ICC - PO (VCC=12V)
ICC - PO (VCC=9V)
4
5
0
200
400
600
1200
800
1000
0
200
400
600
1200
800
1000
ICCO -- VCC
PO -- VCC
THD -- PO
THD -- f
0.1
23
5
7
1.0
10
23
5
7
10
23
5 7 100 23 5 7 1k
23
5 7 10k 23 5 7 100k
0.1
2
3
5
7
1.0
2
3
5
7
10
0.1
2
3
5
7
1.0
2
3
5
7
10
f = 1kHz
f = 100Hz
f = 10kHz
0.1
23
5
7
1.0
10
23
5
7
0.1
23
5
7
1.0
10
23
5
7
0.1
23
5
7
1.0
10
23
5
7
0.1
23
5
7
1.0
10
23
5
7
VCC = 12V
f = 1kHz
VCC = 12V
f = 1kHz
VCC = 9V
f = 1kHz
VCC = 9V
f = 1kHz
Supply voltage, VCC -- V
Supply voltage, VCC -- V
Output power, PO -- W
Frequency, f -- Hz
Output power, PO -- W
Output power, PO -- W
Output power, PO -- W
Output power, PO -- W


유사한 부품 번호 - LA4631VC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
More results

유사한 설명 - LA4631VC

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA4631VC SANYO-LA4631VC Datasheet
427Kb / 7P
   For Home Audio Use 2-Channel SE AF Power Amplifier
logo
ON Semiconductor
LA4631VC-XE ONSEMI-LA4631VC-XE Datasheet
307Kb / 7P
   2-Channel SE AF Power Amplifier for Home Audio Use
May, 2013
logo
Sanyo Semicon Device
LA4508 SANYO-LA4508 Datasheet
219Kb / 7P
   8.5W 2-Channel AF Power Amplifier
LA4635B SANYO-LA4635B Datasheet
25Kb / 3P
   2-Channel BTL AF Power Amplifier
LA4445 SANYO-LA4445 Datasheet
211Kb / 7P
   5.5W 2-Channel AF Power Amplifier
LA4500 SANYO-LA4500 Datasheet
629Kb / 12P
   5.3W 2-Channel AF Power Amplifier
STK441 SANYO-STK441 Datasheet
152Kb / 4P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
STK417-090 SANYO-STK417-090 Datasheet
140Kb / 3P
   2 CHANNEL HIGH EFFICIENCY AF POWER AMPLIFIER
LA4182 SANYO-LA4182 Datasheet
342Kb / 9P
   2.3 W 2-Channel AF Power Amplifier
STK4803 SANYO-STK4803 Datasheet
162Kb / 3P
   20W MIN 2 CHANNEL AF POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com