전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1975 데이터시트(PDF) 9 Page - ON Semiconductor

부품명 LB1975
상세설명  3-phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1975 데이터시트(HTML) 9 Page - ON Semiconductor

Back Button LB1975 Datasheet HTML 2Page - ON Semiconductor LB1975 Datasheet HTML 3Page - ON Semiconductor LB1975 Datasheet HTML 4Page - ON Semiconductor LB1975 Datasheet HTML 5Page - ON Semiconductor LB1975 Datasheet HTML 6Page - ON Semiconductor LB1975 Datasheet HTML 7Page - ON Semiconductor LB1975 Datasheet HTML 8Page - ON Semiconductor LB1975 Datasheet HTML 9Page - ON Semiconductor LB1975 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LB1975
No.6087-9/10
7. Start/Stop Control Circuit
The start/stop control circuit turns the source-side output transistors OFF (motor stop) when a High signal is input at the
S/S pin or when the pin is Open. When a Low signal is input at the S/S pin, the source-side output transistors are turned
ON, and the normal operation state is established (motor start).
8. Forward/Reverse Switching
The LB1975 is designed under the assumption that forward/reverse switching is not carried out while the motor is
running. If switching is carried out while the motor is running, reverse torque braking occurs, leading to a high current
flow. If the current limiter is triggered, the source-side output transistors are switched off, and the sink-side output
transistors go into the short brake condition. However, because the current limiter of this IC cannot control the current
flowing in the sink-side output transistors, these may be destroyed by the short brake current. Therefore F/R switching
while the motor is running is permissible only if the output current (IO) is limited to a maximum of 2.5A using the
motor coil resistance or other suitable means.
F/R switching should be carried out only while a High signal is input to the S/S pin or the pin is Open (stop condition),
or while the VCTL pin conforms to the following condition: VCTL≤ VCTL1 (duty cycle 0%). In any other condition,
F/R switching will result in feed-through current. The F/R pin should therefore be fixed to Low (forward) or High or
Open (reverse) during use.
9. VCC, VM Power Supplies
When the power supply voltage (VCC, VM) rises very quickly when a power is first applied, a feed-through current
may occur at the output. If the current remains below about 0.2A to 0.3A, it does not pose a problem, but such a
possibility should still be prevented by slowing down the voltage rise at power-on. Especially if the F/R pin is set to
High or Open (reverse), a quick rise in VCC is likely to cause feed-through current. This should be prevented by
ensuring that
ΔVCC / Δt = 0.2V/µs or less. Feed-through current can also be prevented by first switching on VCC and
then VM during power-on.
The sequence at power-down should be as follows. Provide a stop input to the S/S pin or a duty ratio 0% input to the
VCTL pin. When the motor has come to a full stop, switch off VM and then VCC. If power is switched off while the
motor is still rotating or a current is flowing in the motor coil (including motor restraint or inertia rotation), a counter
electromotive current or kickback current may flow on the VM side, depending on the motor type and power-off
procedure. If this current cannot be absorbed by the VM power supply or a capacitor, VM voltage may rise and exceed
the absolute maximum VM rating for the IC. Ensure that this does not happen through proper design of the VM power
supply or through use of a capacitor.
Because the LB1975 incorporates a shunt regulator, it can be used on a single power supply. In this case, supply VCC
(6.3V typ.) to the VREG pin via an external NPN transistor and resistor. When not using the regulator, leave the VREG
pin open.
10. Power Supply Stabilizing Capacitors
If the VCC line fluctuates drastically, the low-voltage protection circuit may be activated by mistake, or other
malfunctions may occur. The VCC line must therefore be stabilized by connecting a capacitor of at least several μF
between VCC and GND. Because a large switching current flows in the VM line, wiring inductance and other factors
can lead to VM voltage fluctuations. As the GND line also fluctuates, the VM line must be stabilized by connecting a
capacitor of at least several µF between VM and GND, to prevent exceeding VM max or other problems. Especially
when long wiring runs (VM, VCC, GND) are used, sufficient capacitance should be provided to ensure power supply
stability.
11. VCREF Pin, VCOUT Pin
These pins are always used in the Open condition. If chattering occurs in the PWM switching output, connect a
capacitor (about 0.1
μF) between VCREF and ground or between VCOUT and GND.
12. IC Heat Dissipation Fins
A heat sink may be mounted to the heat dissipation fins of this IC, but it may not be connected to GND. The sink should
be electrically open.


유사한 부품 번호 - LB1975

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1975 SANYO-LB1975 Datasheet
91Kb / 12P
   DC Fan Motor Driver
LB1975 SANYO-LB1975 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
LB1975 SANYO-LB1975_08 Datasheet
141Kb / 10P
   For Fan Motor 3-phase Brushless Motor Driver
More results

유사한 설명 - LB1975

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LB8111V ONSEMI-LB8111V Datasheet
160Kb / 15P
   3-phase Brushless Motor Driver
August, 2014
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com