전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11921T 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 LB11921T
상세설명  Three-Phase Brushless Motor Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11921T 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button LB11921T Datasheet HTML 7Page - ON Semiconductor LB11921T Datasheet HTML 8Page - ON Semiconductor LB11921T Datasheet HTML 9Page - ON Semiconductor LB11921T Datasheet HTML 10Page - ON Semiconductor LB11921T Datasheet HTML 11Page - ON Semiconductor LB11921T Datasheet HTML 12Page - ON Semiconductor LB11921T Datasheet HTML 13Page - ON Semiconductor LB11921T Datasheet HTML 14Page - ON Semiconductor LB11921T Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LB11921T
No.A0604-11/18
Continued from preceding page.
Pin No.
Symbol
Pin Description
Equivalent Circuit
21
RF GND
Output current detection reference
Connect to GND of the external resistor Rf.
22
RF
Output current detection
Connect a low resistance resistor Rf between this
pin and Rf GMD pin.
This resistor sets the maximum output current
IOUT to be 0.26/Rf.
23
GND
GND pin
24
25
26
27
28
29
UL
UH
VL
VH
WL
WH
Outputs (that are used to drive external
transistors).
Duty cycle is controlled on the UH, VH, and WH
side of these output.
30
VCC
Power supply
Connect a capacitor between this pin and ground
for stabilization.
31
32
33
34
35
36
IN3
-
IN3
+
IN2
-
IN2
+
IN1
-
IN1
+
Hall-effect device inputs.
The input is seen as a high-level input when IN+
> IN-, and as a low-level input for the opposite
state.
If noise on the Hall-effect device signals is a
problem, insert capacitors between the
corresponding IN+ and IN- inputs.
VCC
21
VCC
22
VCC
24
26
28
25
27 29
VCC
31 33 35
32 34 36
500
Ω
500
Ω


유사한 부품 번호 - LB11921T

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11921T-MPB-E ONSEMI-LB11921T-MPB-E Datasheet
48Kb / 1P
   LB11921T: 3-Phase Brushless Motor Driver
4/23/2014
LB11921T-TLM-E ONSEMI-LB11921T-TLM-E Datasheet
48Kb / 1P
   LB11921T: 3-Phase Brushless Motor Driver
4/23/2014
More results

유사한 설명 - LB11921T

제조업체부품명데이터시트상세설명
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com