전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STK672-440BN-E 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 STK672-440BN-E
상세설명  2-phase Stepper Motor Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

STK672-440BN-E 데이터시트(HTML) 1 Page - ON Semiconductor

  STK672-440BN-E Datasheet HTML 1Page - ON Semiconductor STK672-440BN-E Datasheet HTML 2Page - ON Semiconductor STK672-440BN-E Datasheet HTML 3Page - ON Semiconductor STK672-440BN-E Datasheet HTML 4Page - ON Semiconductor STK672-440BN-E Datasheet HTML 5Page - ON Semiconductor STK672-440BN-E Datasheet HTML 6Page - ON Semiconductor STK672-440BN-E Datasheet HTML 7Page - ON Semiconductor STK672-440BN-E Datasheet HTML 8Page - ON Semiconductor STK672-440BN-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
10714HK/D0413HK 018-13-0053 No.A2248-1/28
Semiconductor Components Industries, LLC, 2014
January, 2014
Ver. 2.0
http://onsemi.com
STK672-440BN-E
Overview
The STK672-440BN-E is a hybrid IC for use as a unipolar,
2-phase stepper motor driver with PWM current control.
Applications
 Office photocopiers, printers, etc.
Features
 Built-in motor terminal open detection function, overcurrent detection function, overheat detection function
(output current OFF).
 FAULT1 signal (active low) is output when any of motor terminal open, overcurrent or overheat is detected.
The FAULT2 signal is used to output the result of activation of protection circuit detection at 3 levels.
 Built-in power on reset function.
 A micro-step sine wave-driven driver can be activated merely by inputting an external clock.
 External pins can be used to select 2, 1-2 (including pseudo-micro), W1-2, 2 W1-2, or 4W1-2 excitation.
 The switch timing of the 4-phase distributor can be switched by setting an external pin (MODE3) to detect either the
rise and fall, or rise only, of CLOCK input.

 Phase is maintained even when the excitation mode is switched. Rotational direction switching function.
 Supports schmitt input for 2.5V high level input.
 Incorporating a current detection resistor (0.122Ω: resistor tolerance 2%), motor current can be set using two
external resistors.
 The ENABLE pin can be used to cut output current while maintaining the excitation mode.
 With a wide current setting range, power consumption can be reduced during standby.
 No motor sound is generated during hold mode due to external excitation current control.
 PWM operation is separately excited system. As for PWM phase the constant current control
which shifts the phase of Ach Bch.
 Supports compatible pins with STK672-432BN/-442BN-E.
Specifications
Absolute Maximum Ratings
at Tc = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
Vcc max
No signal
50
V
Maximum supply voltage 2
VDD max
No signal
0.3 to 6.0
V
Input voltage
Vin max
Logic input pins
0.3 to 6.0
V
Output current 1
IOP max
10μs 1 pulse (resistance load)
20
A
Output current 2
IOH max
VDD = 5V, CLOCK
 200Hz
3.5
A
Output current 3
IOF max
16pin Output current
10
mA
Allowable power dissipation 1
PdMF max
With an arbitrarily large heat sink. Per MOSFET
8.3
W
Allowable power dissipation 2
PdPK max
No heat sink
3.1
W
Operating substrate temperature
Tcmax
105
°C
Junction temperature
Tjmax
150
°C
Storage temperature
Tstg
40 to 125
°C
Ordering number : ENA2248A
Thick-Film Hybrid IC
2-phase Stepper Motor Driver
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
ORDERING INFORMATION
See detailed ordering and shipping information on page 28 of this data sheet.


유사한 부품 번호 - STK672-440BN-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-440B-E ONSEMI-STK672-440B-E Datasheet
238Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results

유사한 설명 - STK672-440BN-E

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
   2-PHASE STEPPER MOTOR DRIVER
logo
ON Semiconductor
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
   2-phase Stepper Motor Driver
January, 2014 Ver. 2
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
   2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
   2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
   2-phase Stepper Motor Driver
January 2014 Ver. 2.2
logo
Infineon Technologies A...
TLE4727 INFINEON-TLE4727 Datasheet
694Kb / 22P
   2-Phase Stepper-Motor Driver
2005-07-20
logo
Renesas Technology Corp
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
   2-Phase Stepper Motor Driver
logo
Infineon Technologies A...
TLE4726G INFINEON-TLE4726G_08 Datasheet
434Kb / 25P
   2-Phase Stepper-Motor Driver
Rev. 1.1, 2008-06-16
logo
ON Semiconductor
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
   2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com