전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF11NS70UF 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSF11NS70UF
상세설명  700V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF11NS70UF 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSF11NS70UF_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF11NS70UF_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF11NS70UF_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF11NS70UF_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF11NS70UF_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF11NS70UF_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF11NS70UF_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF11NS70UF
700V N-Channel MOSFET
www.goodark.com
Page 2 of 7
Rev.1.0
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case③
4.0
℃/W
RθJA
Junction-to-ambient (t ≤ 10s)
80
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
700
V
VGS = 0V, ID = 250μA
0.45
0.5
VGS=10V,ID = 5.5A
RDS(on)
Static Drain-to-Source on-resistance
1.26
Ω
TJ = 125°C
2
4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
2.17
V
TJ = 125°C
1
VDS =600V,VGS = 0V
IDSS
Drain-to-Source leakage current
50
μA
TJ = 125°C
100
VGS =30V
IGSS
Gate-to-Source forward leakage
-100
nA
VGS = -30V
Qg
Total gate charge
18
Qgs
Gate-to-Source charge
4.7
Qgd
Gate-to-Drain("Miller") charge
7.1
nC
ID= 11A,
VDS= 300V,
VGS = 10V
td(on)
Turn-on delay time
10
tr
Rise time
9.4
td(off)
Turn-Off delay time
21
tf
Fall time
4.4
ns
VGS=10V, VDS=300V,
RL=54.5Ω,RGEN=4.7Ω
ID=5.5A
Ciss
Input capacitance
684
Coss
Output capacitance
42
Crss
Reverse transfer capacitance
4.5
pF
VGS = 0V
VDS = 50V
ƒ = 800KHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
11
A
ISM
Pulsed Source Current
(Body Diode)
44
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
1.2
V
IS=1A, VGS=0V


유사한 부품 번호 - SSF11NS70UF_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF11NS70UF SILIKRON-SSF11NS70UF Datasheet
458Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF11NS70UF GOOD-ARK-SSF11NS70UF Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results

유사한 설명 - SSF11NS70UF_15

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MSD2N70 BWTECH-MSD2N70 Datasheet
1,016Kb / 8P
   700V N-Channel MOSFET
MSF2N70 BWTECH-MSF2N70 Datasheet
1Mb / 8P
   700V N-Channel MOSFET
MSF6N70 BWTECH-MSF6N70 Datasheet
959Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP2N70S SEMIHOW-HFP2N70S Datasheet
949Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF15N70 FAIRCHILD-FQAF15N70 Datasheet
756Kb / 8P
   700V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD1N70 SEMIHOW-HFD1N70 Datasheet
730Kb / 8P
   700V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP6N70 FAIRCHILD-FQP6N70 Datasheet
763Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR10N70FG FOSTER-FIR10N70FG Datasheet
2Mb / 8P
   700V N-Channel MOSFET
logo
Pan Jit International I...
PJU6NA70 PANJIT-PJU6NA70 Datasheet
442Kb / 8P
   700V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR4N70FG FOSTER-FIR4N70FG Datasheet
6Mb / 10P
   700V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HMS15N70K HMSEMI-HMS15N70K Datasheet
1Mb / 7P
   700V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com