전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF10N65 데이터시트(PDF) 3 Page - GOOD-ARK Electronics

부품명 SSF10N65
상세설명  650V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF10N65 데이터시트(HTML) 3 Page - GOOD-ARK Electronics

  SSF10N65_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF10N65_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF10N65_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF10N65_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF10N65_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF10N65_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF10N65_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SSF10N65
650V N-Channel MOSFET
www.goodark.com
Page 3 of 7
Rev.1.0
Test Circuits and Waveforms
Switch Waveforms:
Notes
:
①The maximum current rating is limited by bond-wires.
②Repetitive rating; pulse width limited by max. junction temperature.
③The power dissipation PD is based on max. junction temperature, using junction-to-case thermal
resistance.
④The value of RθJA is measured with the device mounted on 1in 2 FR-4 board with 2oz. Copper, in a
still air environment with TA =25°C
⑤These curves are based on the junction-to-case thermal impedence which is measured with the
device mounted to a large heatsink, assuming a maximum junction temperature of TJ(MAX)=150°C.


유사한 부품 번호 - SSF10N65_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF10N65 SILIKRON-SSF10N65 Datasheet
537Kb / 8P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
More results

유사한 설명 - SSF10N65_15

제조업체부품명데이터시트상세설명
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA7N65C FAIRCHILD-FQA7N65C Datasheet
722Kb / 8P
   650V N-Channel MOSFET
FDP15N65 FAIRCHILD-FDP15N65 Datasheet
1Mb / 10P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFD5N65S SEMIHOW-HFD5N65S Datasheet
991Kb / 8P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com