전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1834-DIE 데이터시트(PDF) 4 Page - Texas Instruments

부품명 UC1834-DIE
상세설명  High Efficiency Linear Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC1834-DIE 데이터시트(HTML) 4 Page - Texas Instruments

  UC1834-DIE_15 Datasheet HTML 1Page - Texas Instruments UC1834-DIE_15 Datasheet HTML 2Page - Texas Instruments UC1834-DIE_15 Datasheet HTML 3Page - Texas Instruments UC1834-DIE_15 Datasheet HTML 4Page - Texas Instruments UC1834-DIE_15 Datasheet HTML 5Page - Texas Instruments UC1834-DIE_15 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Dec-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
UC1834VTD1
ACTIVE
0
80
TBD
Call TI
N / A for Pkg Type
25 Only
UC1834VTD2
ACTIVE
0
10
TBD
Call TI
N / A for Pkg Type
25 Only
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


유사한 부품 번호 - UC1834-DIE_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1834-SP TI-UC1834-SP Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
More results

유사한 설명 - UC1834-DIE_15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1834J TI-UC1834J Datasheet
1Mb / 12P
[Old version datasheet]   High Efficiency Linear Regulator
UC1834 TI-UC1834 Datasheet
676Kb / 9P
[Old version datasheet]   High Efficiency Linear Regulator
logo
Torex Semiconductor
XB1085-12 TOREX-XB1085-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Advanced Monolithic Sys...
AMS1084CT ADMOS-AMS1084CT Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
logo
Torex Semiconductor
XB1086-12 TOREX-XB1086-12 Datasheet
178Kb / 11P
   High efficiency linear regulators
logo
Shenzhen Huazhimei Semi...
HM2940 HMSEMI-HM2940 Datasheet
266Kb / 4P
   High Efficiency Linear Regulators
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
Texas Instruments
UC3836DW TI-UC3836DW Datasheet
731Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
UC2836D TI-UC2836D Datasheet
735Kb / 10P
[Old version datasheet]   High Efficiency Regulator Controller
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com