전자부품 데이터시트 검색엔진 |
|
UA78L10ACLPRE3 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
UA78L10ACLPRE3 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 27 page μA78L00 SLVS010U – JANUARY 1976 – REVISED MAY 2011 www.ti.com uA78L02 Electrical Characteristics at specified virtual junction temperature, VI = 9 V, IO = 40 mA (unless otherwise noted) μA78L02AC PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX 25°C 2.5 2.6 2.7 VI = 4.75 V to 20 V, IO = 1 mA to 40 mA Output voltage 0°C to 125°C 2.45 2.75 V IO = 1 mA to 70 mA 0°C to 125°C 2.45 2.75 VI = 4.75 V to 20 V 20 100 Input voltage regulation 25°C mV VI = 5 V to 20 V 16 75 Ripple rejection VI = 6 V to 20 V, f = 120 Hz 25°C 43 51 dB IO = 1 mA to 100 mA 12 50 Output voltage regulation 25°C mV IO = 1 mA to 40 mA 6 25 Output noise voltage f = 10 Hz to 100 kHz 25°C 30 μV Dropout voltage 25°C 1.7 V 25°C 3.6 6 Bias current mA 125°C 5.5 VI = 5 V to 20 V 2.5 Bias current change 0°C to 125°C mA IO = 1 mA to 40 mA 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. uA78L05 Electrical Characteristics at specified virtual junction temperature, VI = 10 V, IO = 40 mA (unless otherwise noted) μA78L05AC μA78L05C μA78L05AI PARAMETER TEST CONDITIONS TJ (1) UNIT MIN TYP MAX MIN TYP MAX 25°C 4.6 5 5.4 4.8 5 5.2 VI = 7 V to 20 V, IO = 1 mA to 40 mA Output voltage Full range 4.5 5.5 4.75 5.25 V IO = 1 mA to 70 mA Full range 4.5 5.5 4.75 5.25 VI = 7 V to 20 V 32 200 32 150 Input voltage 25°C mV regulation VI = 8 V to 20 V 26 150 26 100 Ripple rejection VI = 8 V to 18 V, f = 120 Hz 25°C 40 49 41 49 dB IO = 1 mA to 100 mA 15 60 15 60 Output voltage 25°C mV regulation IO = 1 mA to 40 mA 8 30 8 30 Output noise f = 10 Hz to 100 kHz 25°C 42 42 μV voltage Dropout voltage 25°C 1.7 1.7 V 25°C 3.8 6 3.8 6 Bias current mA 125°C 5.5 5.5 VI = 8 V to 20 V 1.5 1.5 Bias current Full range mA change IO = 1 mA to 40 mA 0.2 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33- μF capacitor across the input and a 0.1-μF capacitor across the output. Full range for the μA78L05AC is TJ = 0°C to 125°C, and full range for the μA78L05AI is TJ = –40°C to 125°C. 4 Submit Documentation Feedback Copyright © 1976–2011, Texas Instruments Incorporated Product Folder Links :μA78L00 |
유사한 부품 번호 - UA78L10ACLPRE3 |
|
유사한 설명 - UA78L10ACLPRE3 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |