전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5205-1GT3 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 CS5205-1GT3
상세설명  5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5205-1GT3 데이터시트(HTML) 5 Page - ON Semiconductor

  CS5205-1GT3 Datasheet HTML 1Page - ON Semiconductor CS5205-1GT3 Datasheet HTML 2Page - ON Semiconductor CS5205-1GT3 Datasheet HTML 3Page - ON Semiconductor CS5205-1GT3 Datasheet HTML 4Page - ON Semiconductor CS5205-1GT3 Datasheet HTML 5Page - ON Semiconductor CS5205-1GT3 Datasheet HTML 6Page - ON Semiconductor CS5205-1GT3 Datasheet HTML 7Page - ON Semiconductor CS5205-1GT3 Datasheet HTML 8Page - ON Semiconductor CS5205-1GT3 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CS5205−1, CS5205−3, CS5205−5
http://onsemi.com
5
Frequency (Hz)
Figure 9. Ripple Rejection vs. Frequency
(Adjustable Versions)
101
100
90
80
70
60
50
40
30
20
10
0
102
103
104
105
TCASE = 25°C
IOUT = 5.0 A
(VIN − VOUT) = 3.0 V
VRIPPLE = 1.6 VPP
CAdj = 25 mF
APPLICATIONS INFORMATION
The CS5205−x family of linear regulators provide fixed
or adjustable voltages at currents up to 5.0 A. The regulators
are protected against short circuit, and include thermal
shutdown and safe area protection (SOA) circuitry. The
SOA protection circuitry decreases the maximum available
output current as the input−output differential voltage
increases.
The CS5205−x has a composite PNP−NPN output
transistor and requires an output capacitor for stability. A
detailed procedure for selecting this capacitor is included in
the Stability Considerations section.
Adjustable Operation
The adjustable regulator (CS5205−1) has an output
voltage range of 1.25 V to 13 V. An external resistor divider
sets the output voltage as shown in Figure 10. The regulator
maintains a fixed 1.25 V (typical) reference between the
output pin and the adjust pin.
A resistor divider network R1 and R2 causes a fixed
current to flow to ground. This current creates a voltage
across R2 that adds to the 1.25 V across R1 and sets the
overall output voltage. The adjust pin current (typically
50
mA) also flows through R2 and adds a small error that
should be taken into account if precise adjustment of VOUT
is necessary.
The output voltage is set according to the formula:
VOUT + VREF
R1 ) R2
R1
) IAdj
R2
The term IAdj × R2 represents the error added by the adjust
pin current.
R1 is chosen so that the minimum load current is at least
10 mA. R1 and R2 should be the same type, e.g. metal film
for best tracking over temperature. The adjust pin is
bypassed to improve the transient response and ripple
rejection of the regulator.
CAdj
IAdj
Figure 10. Resistor Divider Scheme for the
Adjustable Version
VREF
R2
R1
C2
VOUT
VIN
C1
VIN
VOUT
Adj
CS5205−1
Stability Considerations
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start−up
delay, load transient response and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic
capacitor with almost zero ESR, can cause instability. The
aluminum electrolytic capacitor is the least expensive
solution. However, when the circuit operates at low
temperatures, both the value and ESR of the capacitor will
vary considerably. The capacitor manufacturers data sheet
provides this information.
A 22
mF tantalum capacitor will work for most
applications, but with high current regulators such as the
CS5205−x the transient response and stability improve with
higher values of capacitor. The majority of applications for
this regulator involve large changes in load current so the
output capacitor must supply the instantaneous load current.


유사한 부품 번호 - CS5205-1GT3

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS5205-1GT3 CHERRY-CS5205-1GT3 Datasheet
163Kb / 7P
   5A Adjustable, and 3.3V and 5V Fixed Linear Regulators
More results

유사한 설명 - CS5205-1GT3

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS5205-2 ONSEMI-CS5205-2 Datasheet
56Kb / 8P
   5.0 A, 1.5 V Fixed Linear Regulator
January, 2004 ??Rev. 8
NCP1086 ONSEMI-NCP1086 Datasheet
102Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
July, 2004 ??Rev. 4
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS5205A-1 ONSEMI-CS5205A-1 Datasheet
219Kb / 8P
   5.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Rohm
BD4XXM5-C ROHM-BD4XXM5-C Datasheet
1Mb / 39P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
22.Feb.2017 Rev.006
BD450M5FP-CE2 ROHM-BD450M5FP-CE2 Datasheet
1Mb / 40P
   500-mA 3.3-V or 5.0-V Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com