전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS8164YTVA5 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 CS8164YTVA5
상세설명  8V/5V Low Dropout Dual Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8164YTVA5 데이터시트(HTML) 3 Page - ON Semiconductor

  CS8164YTVA5 Datasheet HTML 1Page - ON Semiconductor CS8164YTVA5 Datasheet HTML 2Page - ON Semiconductor CS8164YTVA5 Datasheet HTML 3Page - ON Semiconductor CS8164YTVA5 Datasheet HTML 4Page - ON Semiconductor CS8164YTVA5 Datasheet HTML 5Page - ON Semiconductor CS8164YTVA5 Datasheet HTML 6Page - ON Semiconductor CS8164YTVA5 Datasheet HTML 7Page - ON Semiconductor CS8164YTVA5 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Typical Performance Characteristics
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.0
OUTPUT CURRENT (mA)
0
200
400
600
800
Dropout Voltage vs. Output Current
7
6
5
4
3
2
1
0
-1
-2
INPUT VOLTAGE (V)
8
9
10
11
12
13
-40
-20
0
20
40
60
RL=10Ω
Output Voltage vs. Input Voltage
7
6
5
4
3
2
1
0
-1
-2
INPUT VOLTAGE (V)
-40
-20
0
20
40
60
RL= 500Ω
Standby Output Voltage vs. Input Voltage
20
10
0
-10
-20
3
2
1
0
TIME (
µs)
IOUT1 = 500mA
0
10203040
5060
Line Transient Response (VOUT1)
10
TIME (
µs)
5
0
-5
-10
3
2
1
0
0
10
20
3040
5060
Line Transient Response (VOUT2)


유사한 부품 번호 - CS8164YTVA5

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS8164YTVA5 CHERRY-CS8164YTVA5 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
More results

유사한 설명 - CS8164YTVA5

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS8164 CHERRY-CS8164 Datasheet
167Kb / 8P
   8V/5V Low Dropout Dual Regulator with ENABLE
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940 Datasheet
137Kb / 4P
   5V LOW DROPOUT REGULATOR
logo
Cherry Semiconductor Co...
CS8135 CHERRY-CS8135 Datasheet
180Kb / 8P
   5V, 5V Low Dropout Dual Regulator with /ENABLE RESET
logo
STMicroelectronics
STV8131 STMICROELECTRONICS-STV8131 Datasheet
68Kb / 5P
   5V AND 8V VOLTAGE REGULATOR
logo
Microsemi Corporation
LX8940 MICROSEMI-LX8940_05 Datasheet
211Kb / 6P
   5V Low Dropout Regulator
logo
Cherry Semiconductor Co...
CS8147 CHERRY-CS8147 Datasheet
173Kb / 8P
   10V/5V Low Dropout Dual Regulator with ENABLE
CS8156 CHERRY-CS8156 Datasheet
172Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
CS8161 CHERRY-CS8161 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
logo
Maxim Integrated Produc...
MAX667 MAXIM-MAX667 Datasheet
78Kb / 8P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 3; 10/94
MAX667 MAXIM-MAX667_08 Datasheet
163Kb / 9P
   5V/Programmable Low-Dropout Voltage Regulator
Rev 4; 9/08
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com