전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1203T-E 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 2SD1203T-E
상세설명  Bipolar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1203T-E 데이터시트(HTML) 5 Page - ON Semiconductor

  2SD1203T-E Datasheet HTML 1Page - ON Semiconductor 2SD1203T-E Datasheet HTML 2Page - ON Semiconductor 2SD1203T-E Datasheet HTML 3Page - ON Semiconductor 2SD1203T-E Datasheet HTML 4Page - ON Semiconductor 2SD1203T-E Datasheet HTML 5Page - ON Semiconductor 2SD1203T-E Datasheet HTML 6Page - ON Semiconductor 2SD1203T-E Datasheet HTML 7Page - ON Semiconductor 2SD1203T-E Datasheet HTML 8Page - ON Semiconductor 2SD1203T-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2SB1203 / 2SD1803
No.2085-5/10
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
PC -- Ta
0
24
20
16
12
8
4
1
20
060
40
80
100
140
120
160
ITR09197
2SB1203 / 2SD1803
10ms
1.0
10
5
7
2
3
5
7
2
3
5
7
2
2
3
0.1
0.01
10
1.0
25
37
2
5
37
0.1
25
37
100
DC
operation
Ta=25
°C
ICP
1ms
IC
ITR09196
2SB1203 / 2SD1803
100ms
No heat sink
Ideal
heat
dissipation
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.


유사한 부품 번호 - 2SD1203T-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1203T-E ONSEMI-2SD1203T-E Datasheet
389Kb / 10P
   Bipolar Transistor
September, 2013
2SD1203T-E ONSEMI-2SD1203T-E Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1203T-E ONSEMI-2SD1203T-E Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
logo
Sanyo Semicon Device
2SD1203T-E SANYO-2SD1203T-E Datasheet
519Kb / 10P
   High-Current Switching Applications
More results

유사한 설명 - 2SD1203T-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com