전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SA1179N6-TB-E 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 2SA1179N6-TB-E
상세설명  Bipolar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA1179N6-TB-E 데이터시트(HTML) 3 Page - ON Semiconductor

  2SA1179N6-TB-E Datasheet HTML 1Page - ON Semiconductor 2SA1179N6-TB-E Datasheet HTML 2Page - ON Semiconductor 2SA1179N6-TB-E Datasheet HTML 3Page - ON Semiconductor 2SA1179N6-TB-E Datasheet HTML 4Page - ON Semiconductor 2SA1179N6-TB-E Datasheet HTML 5Page - ON Semiconductor 2SA1179N6-TB-E Datasheet HTML 6Page - ON Semiconductor 2SA1179N6-TB-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SA1179N / 2SC2812N
No.7198-3/7
IT04205
--1.0
--10
23
5
7
--100
23
5
7
23
5
--0.1
2
7
5
3
2
5
3
IT04203
23
5
7
57
2
3
5
7
--10
--100
--1.0
7
7
5
3
2
2
1.0
10
2SA1179N
f=1MHz
IT04204
23
5
7
57
2
3
5
7
10
100
1.0
7
7
5
5
3
2
2
1.0
10
2SC2812N
f=1MHz
IT04206
1.0
10
23
5
7
100
23
5
7
23
5
0.1
0.01
2
7
5
3
2
5
3
2SA1179N
IC / IB= --10
2SC2812N
IC / IB=10
Collector Current, IC -- mA
VCE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- mA
VCE(sat) -- IC
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Cob -- VCB
57
23
--1.0
57
23
--10
23
--100
7
100
5
3
7
5
3
2
IT04201
IT04199
57
3
2
--0.1
--1.0
57
3
2
--10
57
3
23
2
--100
1000
5
3
7
100
2
7
5
2SA1179N
VCE= --6V
2SA1179N
VCE= --6V
Ta=75
°C
--25
°C
25
°C
IT04200
57
3
2
0.1
57
3
2
1.0
57
3
2
10
3
2
100
1000
5
3
7
100
2
2SC2812N
VCE=6V
Ta=75
°C
--25
°C
25
°C
57
23
1.0
57
23
10
23
100
7
100
5
3
7
5
3
2
IT04202
2SC2812N
VCE=6V
f T -- IC
f T -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
hFE -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
hFE -- IC


유사한 부품 번호 - 2SA1179N6-TB-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SA1179N SANYO-2SA1179N Datasheet
41Kb / 3P
   2SA1179N
2SA1179N SANYO-2SA1179N Datasheet
40Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SA1179N SANYO-2SA1179N Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
2SA1179N SANYO-2SA1179N_06 Datasheet
40Kb / 4P
   Low-Frequency General-Purpose Amp Applications
2SA1179N SANYO-2SA1179N_12 Datasheet
433Kb / 7P
   Low-Frequency General-Purpose Amp Applications
More results

유사한 설명 - 2SA1179N6-TB-E

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2SD1816S-TL-E ONSEMI-2SD1816S-TL-E Datasheet
366Kb / 9P
   Bipolar Transistor
September, 2013
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com