전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC18 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 LC18
상세설명  TRANSIENT ABSORPTION ZENER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LC18 데이터시트(HTML) 1 Page - Microsemi Corporation

  LC18 Datasheet HTML 1Page - Microsemi Corporation LC18 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


유사한 부품 번호 - LC18

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
LC18 MICROSEMI-LC18 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC18 MICROSEMI-LC18 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC18 NJSEMI-LC18 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
    Line Conditioner - Automatic voltage regulation with surge protection
logo
Tripp Lite. All Rights ...
LC1800 TRIPPLITE-LC1800 Datasheet
499Kb / 3P
   1800W 120V Power Conditioner
More results

유사한 설명 - LC18

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14 Datasheet
68Kb / 2P
   TRANSIENT ABSORPTION ZENER
15KP17 MICROSEMI-15KP17 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LCE65 MICROSEMI-LCE65 Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5907 MICROSEMI-1N5907 Datasheet
78Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-5 MICROSEMI-ICT-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N6356 MICROSEMI-1N6356 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
P4KE68 MICROSEMI-P4KE68 Datasheet
106Kb / 2P
   TRANSIENT ABSORPTION ZENER
PHP84 MICROSEMI-PHP84 Datasheet
80Kb / 2P
   TRANSIENT ABSORPTION ZENER
5KP50 MICROSEMI-5KP50 Datasheet
84Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com