전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF1502G5 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSF1502G5
상세설명  150V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF1502G5 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSF1502G5_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF1502G5_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF1502G5_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF1502G5_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF1502G5_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF1502G5_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF1502G5_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SSF1502G5
150V N-Channel MOSFET
www.goodark.com
Page 2 of 7
Rev.1.0
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJC
Junction-to-case
13
℃/W
Junction-to-Ambient (t ≤ 10s)
62
℃/W
RθJA
Junction-to-Ambient (PCB mounted, steady-state)
40
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
150
V
VGS = 0V, ID = 250μA
0.14
0.2
VGS=10V,ID = 2.8A
RDS(on)
Static Drain-to-Source on-resistance
0.32
Ω
TJ = 125°C
2
4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
2.63
V
TJ = 125°C
1
VDS =120V, VGS =0V
IDSS
Drain-to-Source leakage current
50
μA
TJ = 125°C
Gate-to-Source forward leakage
100
VGS =20V
IGSS
Gate-to-Source reverse leakage
-100
nA
VGS = -20V
Qg
Total gate charge
30.9
Qgs
Gate-to-Source charge
6.5
Qgd
Gate-to-Drain("Miller") charge
10.6
nC
ID = 2.8A
VDD=75V
VGS = 10V
td(on)
Turn-on delay time
11.8
tr
Rise time
5.7
td(off)
Turn-Off delay time
29.3
tf
Fall time
6.0
nS
VGS=10V, VDS =75V,
RL=26Ω,
RGEN=6Ω
ID =2.8A
Ciss
Input capacitance
1230
Coss
Output capacitance
47
Crss
Reverse transfer capacitance
31
pF
VGS = 0V
VDS = 75V
ƒ =1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
6
A
ISM
Pulsed Source Current
(Body Diode)
24
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.81
1.5
V
IS=2.8A, VGS=0V,TJ= 25°C
trr
Reverse Recovery Time
54.8
nS
Qrr
Reverse Recovery Charge
133.9
nC
TJ = 25°C, IF =2.8A, di/dt =
100A/μs


유사한 부품 번호 - SSF1502G5_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF1502G5 SILIKRON-SSF1502G5 Datasheet
545Kb / 8P
   Advanced trench MOSFET process technology
logo
GOOD-ARK Electronics
SSF1502G5 GOOD-ARK-SSF1502G5 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
More results

유사한 설명 - SSF1502G5_15

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB14N15 FAIRCHILD-FQB14N15 Datasheet
788Kb / 9P
   150V N-Channel MOSFET
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQD16N15 FAIRCHILD-FQD16N15 Datasheet
730Kb / 9P
   150V N-Channel MOSFET
FQPF9N15 FAIRCHILD-FQPF9N15 Datasheet
755Kb / 8P
   150V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSS1510 GOOD-ARK-SSS1510 Datasheet
1Mb / 7P
   150V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOB2502L AOSMD-AOB2502L Datasheet
334Kb / 6P
   150V N-Channel MOSFET
AON6250 AOSMD-AON6250 Datasheet
283Kb / 6P
   150V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP28N15 FAIRCHILD-FQP28N15 Datasheet
797Kb / 8P
   150V N-Channel MOSFET
FDP79N15 FAIRCHILD-FDP79N15 Datasheet
1Mb / 10P
   150V N-Channel MOSFET
FQB45N15V2 FAIRCHILD-FQB45N15V2 Datasheet
668Kb / 9P
   150V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com