전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF1116 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSF1116
상세설명  110V N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF1116 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSF1116_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF1116_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF1116_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF1116_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF1116_15 Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.goodark.com
Page 2 of 5
Rev.1.0
SSF1116
110V N-Channel MOSFET
Qg
Total gate charge
110
Qgs
Gate-to-Source charge
22
Qgd
Gate-to-Drain("Miller") charge
39
nC
ID=30A,VGS=10V
VDD=30V
td(on)
Turn-on delay time
20
tr
Rise time
16
td(off)
Turn-Off delay time
69
tf
Fall time
19
nS
VDD=30V
ID=2A ,RL=15Ω
RG=2.5Ω
VGS=10V
Ciss
Input capacitance
3150
Coss
Output capacitance
350
Crss
Reverse transfer capacitance
240
pF
VGS=0V
VDS=25V
f=1.0MHZ
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous
Source
Current
(Body Diode)
75
ISM
Pulsed
Source
Current
(Body Diode)
300
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD Diode Forward Voltage
1.3
V
TJ=25ْC,IS=60A,VGS=0V ③
trr
Reverse Recovery Time
54
nS
Qrr Reverse Recovery Charge
131
μC
TJ=25ْC,IF=75A
di/dt=100A/μs
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
EAS Test Circuit
Gate Charge Test Circuit
Notes:
① Repetitive rating; pulse width limited by max junction temperature.
② Test condition: L =0.3mH, VDD = 50V,Id=45A
③ Pulse width≤300μS, duty cycle≤1.5% ; RG = 25Ω Starting TJ = 25°C


유사한 부품 번호 - SSF1116_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF1116A SILIKRON-SSF1116A Datasheet
880Kb / 5P
   Advanced trench process technology
logo
GOOD-ARK Electronics
SSF1116A GOOD-ARK-SSF1116A Datasheet
1Mb / 5P
   110V N-Channel MOSFET
SSF1116A GOOD-ARK-SSF1116A_15 Datasheet
1Mb / 5P
   110V N-Channel MOSFET
More results

유사한 설명 - SSF1116_15

제조업체부품명데이터시트상세설명
logo
GOOD-ARK Electronics
SSF1116A GOOD-ARK-SSF1116A_15 Datasheet
1Mb / 5P
   110V N-Channel MOSFET
SSF1122 GOOD-ARK-SSF1122_15 Datasheet
1Mb / 5P
   110V N-Channel MOSFET
SSF1116A GOOD-ARK-SSF1116A Datasheet
1Mb / 5P
   110V N-Channel MOSFET
SSF1116 GOOD-ARK-SSF1116 Datasheet
1Mb / 5P
   110V N-Channel MOSFET
SSF1122 GOOD-ARK-SSF1122 Datasheet
1Mb / 5P
   110V N-Channel MOSFET
logo
Leshan Radio Company
LNB2294LT1G LRC-LNB2294LT1G Datasheet
606Kb / 5P
   110V N-Channel Enhancement-Mode MOSFET VDS= 110V
logo
PFC Device Inc.
PRM016N11CT PFC-PRM016N11CT Datasheet
875Kb / 8P
   110V Single N-Channel MOSFET
PRM016N11CTF PFC-PRM016N11CTF Datasheet
999Kb / 8P
   110V Single N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF1109 GOOD-ARK-SSF1109 Datasheet
1Mb / 7P
   110V Channel MOSFET
SSF1109 GOOD-ARK-SSF1109_15 Datasheet
1Mb / 7P
   110V Channel MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com