전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F2932A 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 LC87F2932A
상세설명  8-bit 1-chip Microcontroller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F2932A 데이터시트(HTML) 1 Page - ON Semiconductor

  LC87F2932A Datasheet HTML 1Page - ON Semiconductor LC87F2932A Datasheet HTML 2Page - ON Semiconductor LC87F2932A Datasheet HTML 3Page - ON Semiconductor LC87F2932A Datasheet HTML 4Page - ON Semiconductor LC87F2932A Datasheet HTML 5Page - ON Semiconductor LC87F2932A Datasheet HTML 6Page - ON Semiconductor LC87F2932A Datasheet HTML 7Page - ON Semiconductor LC87F2932A Datasheet HTML 8Page - ON Semiconductor LC87F2932A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
91708HKIM 20080804-S00001 No.A1210-1/29
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
May, 2013
Ver.1.02a
LC87F2932A
Overview
The LC87F2932A is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time of
83.3ns, integrates on a single chip a number of hardware features such as 32K-byte flash ROM (onboard
programmable), 2048-byte RAM, an on-chip debugger, sophisticated 16-bit timers/counters (may be divided into 8-
bit timers), a 16-bit timer/counter (may be divided into 8-bit timers/counters or 8-bit PWMs), four 8-bit timers with a
prescaler, a base timer serving as a time-of-day clock, day and time counter, a high-speed clock counter, a
synchronous SIO interface (with automatic block transmission/reception capabilities), an asynchronous/synchronous
SIO interface, a UART interface (full duplex), an 8-bit 13-channel AD converter, two 12-bit PWM channels, a
system clock frequency divider, frequency variable RC oscillation circuit, and a 26-source 10-vector interrupt feature.
Features
Flash ROM
• Capable of on-board-programming with wide range, 3.0 to 5.5V, of voltage source.
• Block-erasable in 128-byte units
• Writable in 2-byte units
• 32768 × 8 bits
RAM
• 2048 × 9 bits
Minimum Bus Cycle
• 83.3ns (12MHz)
VDD=3.0 to 5.5V
• 125ns (8MHz)
VDD=2.5 to 5.5V
• 250ns (4MHz)
VDD=2.2 to 5.5V
Note: The bus cycle time here refers to the ROM read speed.
Ordering number : ENA1210A
Ordering number : ENA1951
Ordering number : ENA1210A
CMOS IC
FROM 32K byte, RAM 2048 byte on-chip
8-bit 1-chip Microcontroller
* This product is licensed from Silicon Storage Technology, Inc. (USA).


유사한 부품 번호 - LC87F2932A

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results

유사한 설명 - LC87F2932A

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com