전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC87F0A08AUEB-NH 데이터시트(PDF) 11 Page - ON Semiconductor

부품명 LC87F0A08AUEB-NH
상세설명  8-bit Microcontroller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC87F0A08AUEB-NH 데이터시트(HTML) 11 Page - ON Semiconductor

Back Button LC87F0A08AUEB-NH Datasheet HTML 7Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 8Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 9Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 10Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 11Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 12Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 13Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 14Page - ON Semiconductor LC87F0A08AUEB-NH Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LC87F0A08A
No.A1535-11/24
Allowable Operating Conditions at Ta = -40
C to +85C, VSS1 = VSS2 = 0V
Parameter
Symbol
Pin/Remarks
Conditions
Specification
VDD[V]
min
typ
max
unit
Operating supply
voltage
(Note 2-1)
VDD(1)
VDD1=VDD2
0.367
s  tCYC  200s
2.5
5.5
V
VDD(2)
0.735
s  tCYC  200s
2.5
5.5
Memory sustaining
supply voltage
VHD
VDD1=VDD2
RAM and register contents
sustained in HOLD mode
2.0
High level
input voltage
VIH(1)
Ports 0, 1, 2, 3
P70
2.5 to 5.5
0.3VDD
+0.7
VDD
VIH(4)
CF1, RES
2.5 to 5.5
0.75VDD
VDD
Low level
input voltage
VIL(1)
Ports 1, 2, 3
P70
4.0 to 5.5
VSS
0.1VDD
+0.4
2.5 to 4.0
VSS
0.2VDD
VIL(4)
CF1, RES
2.5 to 5.5
VSS
0.25VDD
Instruction cycle
time
(Note 2-1)
tCYC
(Note 2-2)
2.7 to 5.5
0.245
200
s
2.5 to 5.5
0.367
200
2.5 to 5.5
0.735
200
External system
clock frequency
FEXCF
CF1
 CF2 pin open
 System clock frequency
division ratio=1/1
 External system clock
duty=50
5%
2.7 to 5.5
0.1
12
MHz
2.5 to 5.5
0.1
8
Oscillation
frequency range
(Note 2-3)
FmCF(1)
CF1, CF2
8MHz ceramic oscillation
See Fig. 1.
2.5 to 5.5
8
MHz
FmCF(2)
CF1, CF2
4MHz ceramic oscillation
See Fig. 1.
2.5 to 5.5
4
FmMRC
1/2 of high-speed RC
oscillation frequency
(RCCTD=0)
(Note 2-4)
2.5 to 5.5
7.44
8.0
8.56
FmRC
Internal medium-speed RC
oscillation
2.5 to 5.5
0.5
1.0
2.0
FmSRC
Internal low-speed RC
oscillation
2.5 to 5.5
15
30
60
kHz
FsX’tal
XT1, XT2
32.768kHz crystal oscillation
See Fig. 2.
2.5 to 5.5
32.768
Note 2-1: VDD must be held greater than or equal to 2.7V in the flash ROM onboard programming mode.
Note 2-2: Relationship between tCYC and oscillation frequency is 3/FmCF at a division ratio of 1/1 and 6/FmCF at
a division ratio of 1/2.
Note 2-3: See Tables 1 and 2 for the oscillation constants.
Note 2-4: An oscillation stabilization time of 100
s or longer must be provided before switching the system clock
source after the state of the high-speed RC oscillation circuit is switched from “oscillation stopped” to
“oscillation enabled” .


유사한 부품 번호 - LC87F0A08AUEB-NH

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

유사한 설명 - LC87F0A08AUEB-NH

제조업체부품명데이터시트상세설명
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com