전자부품 데이터시트 검색엔진 |
|
LC877917A 데이터시트(PDF) 5 Page - ON Semiconductor |
|
LC877917A 데이터시트(HTML) 5 Page - ON Semiconductor |
5 / 29 page LC877917A No.A1840-5/29 Standby Function • HALT mode HALT mode is used to reduce power consumption. During the HALT mode, program execution is stopped but peripheral circuits keep operating (Some parts of serial transfer operation stop.) (1) Oscillation circuits are not stopped automatically. (2) Released by the system reset or interrupts. • HOLD mode HOLD mode is used to reduce power consumption. Program execution and peripheral circuits are stopped. (1) CF, RC and crystal oscillation circuits stop automatically. (2) Released by any of the following conditions. 1) Low level input to the reset pin 2) Watchdog timer interrupt 3) Specified level input to one of INT0, INT1, INT2 4) Port 0 interrupt 5) SPI interrupt by receiving 1-byte (8-bit clock) • X’tal HOLD mode X’tal HOLD mode is used to reduce power consumption. Program execution is stopped. All peripheral circuits except the base timer are stopped. (1) CF and RC oscillation circuits stop automatically. (2) Crystal oscillator operation is kept in its state at HOLD mode inception. (3) Released by any of the following conditions. 1) Low level input to the reset pin 2) Watchdog timer interrupt 3) Specified level input to one of INT0, INT1, INT2 4) Port 0 interrupt 5) Base-timer interrupt 6) RTC interrupt 7) SPI interrupt by receiving 1-byte (8-bit clock) Shipping Form • QIP64E (14×14) (Lead-/Halogen-free type) • TQFP64J (7×7) (Lead-/Halogen-free type) • SQFP64 (10×10) (Lead-/Halogen-free type) • CHIP Development Tools • On-chip debugger: TCB87 TypeB+LC87F7932B |
유사한 부품 번호 - LC877917A |
|
유사한 설명 - LC877917A |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |