전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSF3324 데이터시트(PDF) 2 Page - GOOD-ARK Electronics

부품명 SSF3324
상세설명  30V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GOOD-ARK [GOOD-ARK Electronics]
홈페이지  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF3324 데이터시트(HTML) 2 Page - GOOD-ARK Electronics

  SSF3324_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF3324_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF3324_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF3324_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF3324_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF3324_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF3324_15 Datasheet HTML 7Page - GOOD-ARK Electronics SSF3324_15 Datasheet HTML 8Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSF3324
30V N-Channel MOSFET
www.goodark.com
Page 2 of 8
Rev.1.1
Thermal Resistance
Symbol
Characteristics
Typ.
Max.
Units
RθJA
Junction-to-ambient (t ≤ 10s)
90
℃/W
Electrical Characteristics @TA=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
30
V
VGS = 0V, ID = 250μA
26.5
35
VGS=4.5V,ID = 2A
RDS(on)
Static Drain-to-Source on-resistance
43.7
TJ = 125℃
31.1
40
VGS=2.5V,ID=1.5A
RDS(on)
Static Drain-to-Source on-resistance
50.2
TJ = 125℃
44.9
50
VGS=1.8V,ID=1A
RDS(on)
Static Drain-to-Source on-resistance
62.1
TJ = 125℃
0.7
1.4
VDS = VGS, ID = 250μA
VGS(th)
Gate threshold voltage
0.63
V
TJ = 125℃
1
VDS = 24V,VGS = 0V
IDSS
Drain-to-Source leakage current
50
μA
TJ = 125°C
100
VGS =12V
IGSS
Gate-to-Source forward leakage
-100
nA
VGS = -12V
Qg
Total gate charge
10
Qgs
Gate-to-Source charge
2
Qgd
Gate-to-Drain("Miller") charge
3
nC
ID = 5.8A,
VDS=15V,
VGS = 4.5V
td(on)
Turn-on delay time
3
tr
Rise time
5
td(off)
Turn-Off delay time
26
tf
Fall time
4
ns
VGS=10V, VDS =15V,
RGEN=3Ω,
Ciss
Input capacitance
1245
Coss
Output capacitance
85
Crss
Reverse transfer capacitance
70
pF
VGS = 0V,
VDS =15V,
ƒ = 1MHz
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
5.8
A
ISM
Pulsed Source Current
(Body Diode)
23
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
V
SD
Diode Forward Voltage
0.72
1.2
V
IS=1A, VGS=0V


유사한 부품 번호 - SSF3324_15

제조업체부품명데이터시트상세설명
logo
Silikron Semiconductor ...
SSF3324 SILIKRON-SSF3324 Datasheet
242Kb / 5P
   PWM applications
logo
GOOD-ARK Electronics
SSF3324 GOOD-ARK-SSF3324 Datasheet
1Mb / 8P
   30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSF3324 VBSEMI-SSF3324 Datasheet
493Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - SSF3324_15

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com